Electronic Components Datasheet Search
  English  ▼

X  

CMLDM7002AG Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CMLDM7002AG
Description  SURFACE MOUNT SILICON DUAL N-CHANNEL ENHANCEMENT-MODE MOSFETS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMLDM7002AG Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CMLDM7002AG Datasheet HTML 1Page - Central Semiconductor Corp CMLDM7002AG Datasheet HTML 2Page - Central Semiconductor Corp CMLDM7002AG Datasheet HTML 3Page - Central Semiconductor Corp CMLDM7002AG Datasheet HTML 4Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CMLDM7002A
CMLDM7002AG*
CMLDM7002AJ
SURFACE MOUNT SILICON
DUAL N-CHANNEL
ENHANCEMENT-MODE
MOSFETS
SOT-563 CASE - MECHANICAL OUTLINE
LEAD CODE:
1) Gate Q1
2) Source Q1
3) Drain Q2
4) Gate Q2
5) Source Q2
6) Drain Q1
MARKING CODES:
CMLDM7002A: L02
CMLDM7002AG*: C2G
PIN CONFIGURATIONS
ELECTRICAL CHARACTERISTICS PER TRANSISTOR - Continued: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
TYP
MAX
UNITS
Crss
VDS=25V, VGS=0, f=1.0MHz
5.0
pF
Ciss
VDS=25V, VGS=0, f=1.0MHz
50
pF
Coss
VDS=25V, VGS=0, f=1.0MHz
25
pF
Qg(tot)
VDS=30V, VGS=4.5V, ID=100mA
0.592
nC
Qgs
VDS=30V, VGS=4.5V, ID=100mA
0.196
nC
Qgd
VDS=30V, VGS=4.5V, ID=100mA
0.148
nC
ton, toff
VDD=30V, VGS=10V, ID=200mA
RG=25Ω, RL=150Ω
20
ns
CMLDM7002A (USA Pinout)
CMLDM7002AG*
LEAD CODE:
1) Source Q1
2) Gate Q1
3) Drain Q2
4) Source Q2
5) Gate Q2
6) Drain Q1
MARKING CODE: 02J
CMLDM7002AJ (Japanese Pinout)
* Device is Halogen Free by design
www.centr a lsemi.com
R8 (8-June 2015)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com