Electronic Components Datasheet Search
  English  ▼

X  

RDA1005L Datasheet(PDF) 4 Page - RF Micro Devices

Part # RDA1005L
Description  DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 50MHZ TO 4000MHZ, 6 BIT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RDA1005L Datasheet(HTML) 4 Page - RF Micro Devices

  RDA1005L Datasheet HTML 1Page - RF Micro Devices RDA1005L Datasheet HTML 2Page - RF Micro Devices RDA1005L Datasheet HTML 3Page - RF Micro Devices RDA1005L Datasheet HTML 4Page - RF Micro Devices RDA1005L Datasheet HTML 5Page - RF Micro Devices RDA1005L Datasheet HTML 6Page - RF Micro Devices RDA1005L Datasheet HTML 7Page - RF Micro Devices RDA1005L Datasheet HTML 8Page - RF Micro Devices RDA1005L Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4 of 10
RDA1005L
DS120828
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Typical Performance - Broadband Application Circuit
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
0
1
2
3
4
5
6
7
8
S12(dB)
Freq(GHz)
S12 Over Temperature
+25C
-40C
+85C
-1.5
-1.0
-0.5
0.0
0.5
1.0
0.1
0.6
1.1
1.6
2.1
2.6
3.1
3.6
4.1
Error (dB)
Freq (GHz)
Step Error at Major States +25C
0dB
0.5dB
1dB
2dB
4dB
8dB
16dB
31.5dB
-1.5
-1.0
-0.5
0.0
0.5
1.0
0.1
0.6
1.1
1.6
2.1
2.6
3.1
3.6
4.1
Error(dB)
Freq(GHz)
Step Error at Major States -40C
0dB
0.5dB
1dB
2dB
4dB
8dB
16dB
31.5dB
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
0.1
0.6
1.1
1.6
2.1
2.6
3.1
3.6
4.1
Error (dB)
Freq (GHz)
Step Error at Major States +85C
0dB
0.5dB
1dB
2dB
4dB
8dB
16dB
31.5dB
-20
-10
0
10
20
30
40
50
0.1
0.6
1.1
1.6
2.1
2.6
3.1
3.6
4.1
Phase (
°)
Freq(GHz)
Normalized Phase Error at Major States +25C
0dB
0.5dB
1dB
2dB
4dB
8dB
16dB
31.5dB
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
0.5
0
5
10
15
20
25
30
Error (dB)
Attenuation (dB)
Bit Error versus Attenuation
850MHz
1950MHz
2700MHz
3300MHz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com