Electronic Components Datasheet Search
  English  ▼

X  

RDA2032Z Datasheet(PDF) 2 Page - RF Micro Devices

Part # RDA2032Z
Description  50 MHz TO 1000 MHz DIGITAL VGA WITH 6-BIT 0.5 dB PARALLEL CONTROL
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RDA2032Z Datasheet(HTML) 2 Page - RF Micro Devices

  RDA2032Z Datasheet HTML 1Page - RF Micro Devices RDA2032Z Datasheet HTML 2Page - RF Micro Devices RDA2032Z Datasheet HTML 3Page - RF Micro Devices RDA2032Z Datasheet HTML 4Page - RF Micro Devices RDA2032Z Datasheet HTML 5Page - RF Micro Devices RDA2032Z Datasheet HTML 6Page - RF Micro Devices RDA2032Z Datasheet HTML 7Page - RF Micro Devices RDA2032Z Datasheet HTML 8Page - RF Micro Devices RDA2032Z Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2 of 11
RDA2032Z
DS100813
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
5.5
V
DC Supply Current
228
mA
Power Dissipation
1054
mW
Max Input RF Power
+24
dBm
Operating Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Junction Temperature (TJ)+150
°C
ESD Rating (HBM)
500 (Class 1B)
V
Moisture Sensitivity Level (MSL)
3
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
Temp=25°C, VCC=VDD=5V, VCTL=TTL Logic,
Tested With Evaluation Circuit
Frequency Range
50
1000
MHz
Gain Max at 140MHz
38.8
dBm
Attenuation=0dB
Gain Control Range
31.5
dB
0.5dB step
Step Accuracy
±(0.15+3% attenuation setting)
dB
Major state max error up to 1000MHz
OP1dB at 140MHz
20
dBm
Attenuation=0dB
OIP3 at 140MHz
42
dBm
POUT=0dBm/tone, 1MHz spacing
Control Interface
6
Parallel mode 6-bit
Settling Time
220
ns
tON, tOFF (10%/90% RF)
NF at 140MHz
3.2
dB
Attenuation=0dB
Input Return Loss at 140MHz
-30
dB
50
 system
Output Return Loss at 140MHz
-25
dB
50
 system
Amplifier Supply Voltage (VCC)
4.75
5.0
5.25
V
Attenuator Supply Voltage (VDD)
3.0
5
5.25
V
Total Supply Current
164
182
204
mA
Sum of currents from VDD and VCC
Thermal Resistance
39
°C/W
Typical RF Performance at Key Operating Frequencies
Parameter
Unit
50MHz
140MHz 280MHz 500MHz 850MHz 1000MHz
Max Small Signal Gain
dB
39.5
38.8
38.5
37.8
36.5
36.0
OP1dB
dBm
19.5
20.0
20.0
20.0
19.8
19.6
OIP3
dBm
40.0
42.0
42.0
39.5
36.0
35.0
Input Return Loss
dB
-20
-30
-20
-19
-16
-15
Output Return Loss
dB
-30
-28
-23
-20
-11.5
-10
NF
dB
3.1
3.2
3.3
3.3
3.3
3.3
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
RoHS status based on EUDirective2002/95/EC (at time of this document revision).
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com