Electronic Components Datasheet Search
  English  ▼

X  

RF2044A Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF2044A
Description  GENERAL PURPOSE AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2044A Datasheet(HTML) 2 Page - RF Micro Devices

  RF2044A Datasheet HTML 1Page - RF Micro Devices RF2044A Datasheet HTML 2Page - RF Micro Devices RF2044A Datasheet HTML 3Page - RF Micro Devices RF2044A Datasheet HTML 4Page - RF Micro Devices RF2044A Datasheet HTML 5Page - RF Micro Devices RF2044A Datasheet HTML 6Page - RF Micro Devices RF2044A Datasheet HTML 7Page - RF Micro Devices RF2044A Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2 of 8
RF2044A
DS120706
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Input RF Power
+13
dBm
Operating Ambient Temperature
-40 to +85
°C
Storage Temperature
-60 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
T=25 °C, I
CC =65mA
Frequency Range
DC to >6000
MHz
3dB Bandwidth
>3
GHz
Gain
19.5
dB
Freq=100MHz
19.5
dB
Freq=850MHz
17.0
18.5
20
dB
Freq=2000MHz
18.0
dB
Freq=3000MHz
17.0
Freq=4000MHz
14.1
Freq=6000MHz
Noise Figure
3.5
dB
Freq=2000MHz
Input VSWR
<1.6:1
In a 50
 system, DC to 5000MHz
<1.5:1
In a 50
 system, 5000MHz to 6000MHz
Output VSWR
<1.4:1
In a 50
 system, DC to 3000MHz
<1.5:1
In a 50
 system, 3000MHz to 6000MHz
Output IP
3
+29
+32
dBm
Freq=2000MHz
Output P
1dB
+16.5
+17.5
dBm
Freq=2000MHz
Reverse Isolation
22
dB
Freq=2000MHz
Thermal
I
CC =65mA, PDISS = 300 mW (See Note 1.)
Theta
JC
270
°C/W
VPIN=4.55V
Maximum Measured Junction
Temperature at DC Bias Condi-
tions
166
°C
TAMB=+85°C
Mean Time To Failure
>100
years
T
AMB =+85 °C
Power Supply
With 24
 bias resistor, T=+25°C
Device Operating Voltage
4.4
4.5
4.6
V
At pin 3 with I
CC =65mA
5.5
5.9
6.5
V
At evaluation board connector, ICC=65mA
Operating Current
65
mA
See Note 2.
NOTES:
Note 1: The RF2044A must be operated at or below 65mA in order to achieve the thermal performance stated above. Operating at 65mA will
ensure the best possible combination of reliability and electrical performance.
Note 2: Because of process variations from part to part, the current resulting from a fixed bias voltage will vary. As a result, caution should be
used in designing fixed voltage bias circuits to ensure the worst case bias current does not exceed 65mA over all intended operating condi-
tions.
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
RoHS status based on EUDirective2002/95/EC (at time of this document revision).
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com