Electronic Components Datasheet Search
  English  ▼

X  

RF2051SB Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2051SB
Description  HIGH PERFORMANCE WIDEBAND RF PLL/VCO WITH INTEGRATED RF MIXERS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2051SB Datasheet(HTML) 1 Page - RF Micro Devices

  RF2051SB Datasheet HTML 1Page - RF Micro Devices RF2051SB Datasheet HTML 2Page - RF Micro Devices RF2051SB Datasheet HTML 3Page - RF Micro Devices RF2051SB Datasheet HTML 4Page - RF Micro Devices RF2051SB Datasheet HTML 5Page - RF Micro Devices RF2051SB Datasheet HTML 6Page - RF Micro Devices RF2051SB Datasheet HTML 7Page - RF Micro Devices RF2051SB Datasheet HTML 8Page - RF Micro Devices RF2051SB Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
1 of 39
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
RF MEMS
LO
divider
LO
divider
Frac-N
sequence
generator
N divider
Phase /
freq
detector
Charge
pump
Ref
divider
VCO
Synth
Mux
RF2051
HIGH PERFORMANCE WIDEBAND RF PLL/VCO WITH
INTEGRATED RF MIXERS
The RF2051 is a low power, high performance, wideband RF frequency conversion
chip with integrated local oscillator (LO) generation and a pair of RF mixers. The RF
synthesizer includes an integrated fractional-N phase locked loop with voltage con-
trolled oscillators (VCOs) and dividers to produce a low-phase noise LO signal with a
very fine frequency resolution. The buffered LO output drives the built-in RF mixers
which convert the signal into the required frequency band. The mixer bias current
can be programmed dependent on the required performance and available supply
current. The LO generation blocks have been designed to continuously cover the
frequency range from 300MHz to 2400MHz. The RF mixers are very broad band
and operate from 30MHz to 2500MHz at the input and output, enabling both up
and down conversion. An external crystal of between 10MHz and 52MHz or an
external reference source of between 10MHz and 104MHz can be used with the
RF2051 to accommodate a variety of reference frequency options.
All on-chip registers are controlled through a simple three-wire serial interface. The
RF2051 is designed for 2.7V to 3.6V operation for compatibility with portable, bat-
tery powered devices. It is available in a plastic 32-pin, 5mmx5mm QFN package.
Features
30MHz to 2.5GHz Frequency
Range
Fractional-N Synthesizer
Very Fine Frequency Resolution
1.5Hz for 26MHz Reference
Low Phase Noise VCO
On-Chip Crystal-Sustaining
Circuit With Programmable
Loading Capacitors
Two High-Linearity RF Mixers
Integrated LO Buffers
Mixer Input IP3 +18dBm
Mixer Bias Adjustable for Low
Power Operation
Full Duplex Mode
2.7V to 3.6V Power Supply
Low Current Consumption
55mA to 75mA at 3V
3-Wire Serial Interface
Applications
CATV Head-Ends
Digital TV Up/Down Converters
Digital TV Repeaters
Multi-Dwelling Units
Cellular Repeaters
Frequency Band Shifters
UHF/VHF Radios
Diversity Receivers
Software Defined Radios
Satellite Communications
Super-Heterodyne Radios
DS140110
Package: QFN, 32-Pin, 5mmx5mm
RF2051


Similar Part No. - RF2051SB

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RF2051 QORVO-RF2051 Datasheet
1Mb / 39P
HIGH PERFORMANCE WIDEBAND RF PLL/VCO WITH INTEGRATED RF MIXERS
More results

Similar Description - RF2051SB

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2052 RFMD-RF2052 Datasheet
1Mb / 37P
HIGH PERFORMANCE WIDEBAND RF PLL/VCO WITH INTEGRATED RF MIXER
RF2054 RFMD-RF2054 Datasheet
2Mb / 39P
LOW POWER PLL AND VCO WITH INTEGRATED MIXERS
RFFC2071A RFMD-RFFC2071A Datasheet
2Mb / 22P
2.7GHz RF SYNTHESIZER/VCO WITH INTEGRATED RF MIXER
logo
Renesas Technology Corp
8V97003 RENESAS-8V97003 Datasheet
2Mb / 65P
171.875MHz to 18GHz RF / mmWave Wideband Synthesizer with Integrated VCO
logo
Qorvo, Inc
RF2052 QORVO-RF2052 Datasheet
1Mb / 37P
HIGH PERFORMANCE WIDEBAND RF PLL/VCO WITH INTEGRATED RF MIXER
RF2051 QORVO-RF2051 Datasheet
1Mb / 39P
HIGH PERFORMANCE WIDEBAND RF PLL/VCO WITH INTEGRATED RF MIXERS
RFFC2071A QORVO-RFFC2071A Datasheet
2Mb / 22P
2.7GHz RF SYNTHESIZER/VCO WITH INTEGRATED RF MIXER
RF2054 QORVO-RF2054 Datasheet
2Mb / 39P
LOW POWER PLL AND VCO WITH INTEGRATED MIXERS
logo
Renesas Technology Corp
8V97003 RENESAS-8V97003_V01 Datasheet
1Mb / 66P
171.875MHz to 18GHz RF / mmWave Wideband Synthesizer with Integrated VCO
April 8, 2021
8V97052 RENESAS-8V97052 Datasheet
856Kb / 48P
High Resolution Wideband RF Synthesizer / PLL
May 20, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com