Electronic Components Datasheet Search
  English  ▼

X  

RF2052SB Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2052SB
Description  HIGH PERFORMANCE WIDEBAND RF PLL/VCO WITH INTEGRATED RF MIXER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2052SB Datasheet(HTML) 1 Page - RF Micro Devices

  RF2052SB Datasheet HTML 1Page - RF Micro Devices RF2052SB Datasheet HTML 2Page - RF Micro Devices RF2052SB Datasheet HTML 3Page - RF Micro Devices RF2052SB Datasheet HTML 4Page - RF Micro Devices RF2052SB Datasheet HTML 5Page - RF Micro Devices RF2052SB Datasheet HTML 6Page - RF Micro Devices RF2052SB Datasheet HTML 7Page - RF Micro Devices RF2052SB Datasheet HTML 8Page - RF Micro Devices RF2052SB Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
1 of 37
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
RF MEMS
LDMOS
VCO
LO
divider
Frac-N
sequence
generator
N divider
Phase /
freq
detector
Charge
pump
Ref
divider
Synth
Mixer
RF2052
HIGH PERFORMANCE WIDEBAND RF
PLL/VCO WITH INTEGRATED RF MIXER
The RF2052 is a low power, high performance, wideband RF frequency conversion
chip with integrated local oscillator (LO) generation and RF mixer. The RF synthe-
sizer includes an integrated fractional-N phase locked loop with voltage controlled
oscillators (VCOs) and dividers to produce a low-phase noise LO signal with a very
fine frequency resolution. The buffered LO output drives the built-in RF mixer which
converts the signal into the required frequency band. The mixer bias current can be
programmed dependent on the required performance and available supply current.
The LO generation blocks have been designed to continuously cover the frequency
range from 300MHz to 2400MHz. The RF mixer is very broad band and operates
from 30MHz to 2500MHz at the input and output, enabling both up and down con-
version. An external crystal of between 10MHz and 52MHz or an external reference
source of between 10MHz and 104MHz can be used with the RF2052 to accom-
modate a variety of reference frequency options.
All on-chip registers are controlled through a simple three-wire serial interface. The
RF2052 is designed for 2.7V to 3.6V operation for compatibility with portable, bat-
tery powered devices. It is available in a plastic 32-pin, 5mmx5mm QFN package.
Features
30MHz to 2.5GHz Frequency
Range
Fractional-N Synthesizer
Very Fine Frequency Resolution
1.5Hz for 26MHz Reference
Low Phase Noise VCO
On-Chip Crystal-Sustaining
Circuit With Programmable
Loading Capacitors
High-Linearity RF Mixer
Integrated LO Buffer
Mixer Input IP3 +18dBm
Mixer Bias Adjustable for Low
Power Operation
2.7V to 3.6V Power Supply
Low Current Consumption
55mA to 75mA at 3V
3-Wire Serial Interface
Applications
CATV Head-Ends
Digital TV Up/Down Converters
Digital TV Repeaters
Multi-Dwelling Units
Cellular Repeaters
Frequency Band Shifters
UHF/VHF Radios
Software Defined Radios
Satellite Communications
Super-Heterodyne Radios
BPSK Modulator
DS140110
Package: QFN, 32-Pin, 5mmx5mm


Similar Part No. - RF2052SB

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RF2052 QORVO-RF2052 Datasheet
1Mb / 37P
HIGH PERFORMANCE WIDEBAND RF PLL/VCO WITH INTEGRATED RF MIXER
More results

Similar Description - RF2052SB

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2051 RFMD-RF2051 Datasheet
1Mb / 39P
HIGH PERFORMANCE WIDEBAND RF PLL/VCO WITH INTEGRATED RF MIXERS
RF2053 RFMD-RF2053 Datasheet
1Mb / 36P
HIGH PERFORMANCE FRACTIONAL-N SYNTHESIZER WITH INTEGRATED RF MIXER
RFFC5061 RFMD-RFFC5061 Datasheet
4Mb / 25P
WIDEBAND SYNTHESIZER/VCO WITH INTEGRATED 6GHz MIXER
RFFC2071 RFMD-RFFC2071 Datasheet
1Mb / 23P
2.7GHz RF SYNTHESIZER/VCO WITH INTEGRATED RF MIXER
RFFC2071A RFMD-RFFC2071A Datasheet
2Mb / 22P
2.7GHz RF SYNTHESIZER/VCO WITH INTEGRATED RF MIXER
RFFC5071A RFMD-RFFC5071A Datasheet
2Mb / 26P
WIDEBAND SYNTHESIZER/VCO WITH INTEGRATED 6GHz MIXER
logo
Qorvo, Inc
RF2052 QORVO-RF2052 Datasheet
1Mb / 37P
HIGH PERFORMANCE WIDEBAND RF PLL/VCO WITH INTEGRATED RF MIXER
RF2051 QORVO-RF2051 Datasheet
1Mb / 39P
HIGH PERFORMANCE WIDEBAND RF PLL/VCO WITH INTEGRATED RF MIXERS
RFFC2071A QORVO-RFFC2071A Datasheet
2Mb / 22P
2.7GHz RF SYNTHESIZER/VCO WITH INTEGRATED RF MIXER
RFFC506X QORVO-RFFC506X Datasheet
4Mb / 25P
WIDEBAND SYNTHESIZER/VCO WITH INTEGRATED 6GHz MIXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com