Electronic Components Datasheet Search
  English  ▼

X  

EIN13 Datasheet(PDF) 1 Page - Tyco Electronics

Part # EIN13
Description  E-Series RF Inductor 50 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

EIN13 Datasheet(HTML) 1 Page - Tyco Electronics

  EIN13 Datasheet HTML 1Page - Tyco Electronics EIN13 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
E-Series RFInductor — 50 MHz
M/A-COM Division of AMP Incorporated s North America: Tel. (800) 366-2266, Fax (800) 618-8883 s Asia/Pacific: Tel.+85 2 2111 8088,
Fax +85 2 2111 8087 s Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks.
Specifications subject to change without notice.
V2.00
S 1298 D
Features
• High Q Value
Description
M/A-COM’s EIN13 is a high Q Toroidal Inductor on an SM-52
package. This Inductor is particularly suited to applications requir-
ing Inductors with good magnetic field containment.
E-Series RF Inductor
50 MHz
EIN13
Parameter
Typical
Minimum
Guaranteed Performance
@ 50 MHz
—
—
Inductance Value
Q Value
Self Resonance
97 nH
±5%
—
> 970 MHz
—
90
—
Electrical Specifications @25°C
SM-52 Package
Absolute Maximum Ratings
Parameter
Absolute Maximum
RF Power
250 mW
DC Current
30 mA
Operating Temperature
-20°C to +85°C
Storage Temperature
-20°C to +85°C
Functional Configuration
Function
Pin No.
Primary Dot
6
Primary
1
Case Ground
—
Not Connected
—
Please Note that the photograph above indicates typical package only,
not actual unit.


Similar Part No. - EIN13

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
EIN10 MACOM-EIN10 Datasheet
82Kb / 2P
E-Series RF Inductor 50 MHz
EIN11 MACOM-EIN11 Datasheet
82Kb / 2P
E-Series RF Inductor 50 MHz
EIN12 MACOM-EIN12 Datasheet
100Kb / 2P
E-Series RF Inductor 50 MHz
EIN14 MACOM-EIN14 Datasheet
82Kb / 2P
E-Series RF Inductor 50 MHz
EIN15 MACOM-EIN15 Datasheet
82Kb / 2P
E-Series RF Inductor 50 MHz
More results

Similar Description - EIN13

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
EIN10 MACOM-EIN10 Datasheet
82Kb / 2P
E-Series RF Inductor 50 MHz
EIN11 MACOM-EIN11 Datasheet
82Kb / 2P
E-Series RF Inductor 50 MHz
EIN12 MACOM-EIN12 Datasheet
100Kb / 2P
E-Series RF Inductor 50 MHz
EIN14 MACOM-EIN14 Datasheet
82Kb / 2P
E-Series RF Inductor 50 MHz
EIN15 MACOM-EIN15 Datasheet
82Kb / 2P
E-Series RF Inductor 50 MHz
EIN16 MACOM-EIN16 Datasheet
82Kb / 2P
E-Series RF Inductor 50 MHz
EIN8 MACOM-EIN8 Datasheet
82Kb / 2P
E-Series RF Inductor 50 MHz
EIN9 MACOM-EIN9 Datasheet
82Kb / 2P
E-Series RF Inductor 50 MHz
ETC2-1T-2 MACOM-ETC2-1T-2 Datasheet
35Kb / 1P
E-Series RF 2:1 Transformer 50 - 1000 MHz
ETC9-1T-2 MACOM-ETC9-1T-2 Datasheet
100Kb / 1P
5 - 50 MHz E-Series RF 9 Transformer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com