Electronic Components Datasheet Search
  English  ▼

X  

RF3858SR Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF3858SR
Description  3.0 V TO 4.2V, ISM BAND TRANSMIT/RECEIVE MODULE WITH DIVERSITY TRANSFER SWITCH
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3858SR Datasheet(HTML) 2 Page - RF Micro Devices

  RF3858SR Datasheet HTML 1Page - RF Micro Devices RF3858SR Datasheet HTML 2Page - RF Micro Devices RF3858SR Datasheet HTML 3Page - RF Micro Devices RF3858SR Datasheet HTML 4Page - RF Micro Devices RF3858SR Datasheet HTML 5Page - RF Micro Devices RF3858SR Datasheet HTML 6Page - RF Micro Devices RF3858SR Datasheet HTML 7Page - RF Micro Devices RF3858SR Datasheet HTML 8Page - RF Micro Devices RF3858SR Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
RF3858
3.0 V TO 4.2V, ISM BAND TRANSMIT/RECEIVE
MODULE WITH DIVERSITY TRANSFER SWITCH
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless ConnectivityTM, PowerStar®, POLARISTM TOTAL RADIOTM and UltimateBlueTM are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered
trademarks are the property of their respective owners. ©2009, RF Micro Devices, Inc.
DS130424
7628 Thorndike Road, Greensboro, NC 27409-9421 – For sales or technical
Support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com
2 of 11
Absolute Maximum Ratings
Parameter
Rating
Unit
Overall
DC Supply Voltage
+5.0
V
Operating Ambient Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Low Noise Amplifier
DC Supply Current
32
mA
Input RF Power
5
dBm
Power Amplifier
DC Supply Current
1200
mA
Input RF Power
10
dBm
Transmit/Receive Switch
Input RF Power
33
dBm
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Low Noise Amplifier
Frequency Range
868
902 to 928
MHz
High Gain Mode
Gain
17
21
23.5
dB
Over LNA VCC, LNA VREF, Temperature, and Frequency
Noise Figure
1.3
1.5
dB
LNA VREF= LNA VCC= 3.3V
Input IP3
-4.5
-1
dBm
TAMB= +25°C, LNA VCC= 3.3V
Input Gain Compression
-15
dBm
Input Return Loss
-8
-5
dB
Output Return Loss
-8
-6
dB
LNA Operating Current
15
mA
LNA VREF= LNA VCC= 3.3V
LNA Enable
1
mA
Stability, Input VSWR
10:1
All phase angles
Output Spurious
-70
dBc
Low Gain Mode
Gain Select>1.8V
Gain
-7
-6
dB
Input IP3
15.5
17
dBm
TAMB= +25°C, LNA VCC= 3.3V
Current Drain
1.5
3
mA
Power Amplifier
Frequency Range
868
902 to 928
MHz
PA VCC1= PA VCC2= PA BIAS
3.0
4.0
V
PA VREG
2.75
2.85
2.95
V
POUT
31.5
dBm
Saturated power output
Gain
27
30
dB
PA VCC1= PA VCC2= PA BIAS= 4V,
over temperature and frequency
Output Harmonic Levels
2nd
-40
dBc
3rd through 10th
-70
dBc
PA VCC1= PA VCC2= PA BIAS= 4V,
over temperature and frequency
Efficiency
40
%
31.5dBm output, PA VCC1= PA VCC2= PA BIAS, 2.85V VREG
Input Return Loss
9
dB
Output Spurious
-70
dBc
Stability
10:1
All phase angles
7:1
All phase angles, -40°C
Current
Operating
0.7
1.0
A
31.5dBm output, PA VCC1= PA VCC2= PA BIAS, 2.85V VREG
Bias Only
200
mA
Idle current, no RF at input
IREG
2
5
mA
Leakage Current
0.1
0.9
µA
Over VCC, Frequency, and Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com