Electronic Components Datasheet Search
  English  ▼

X  

RF5102 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF5102
Description  3V TO 5V LINEAR POWER AMPLIFIER FOR 2.4GHz WIFI
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5102 Datasheet(HTML) 3 Page - RF Micro Devices

  RF5102 Datasheet HTML 1Page - RF Micro Devices RF5102 Datasheet HTML 2Page - RF Micro Devices RF5102 Datasheet HTML 3Page - RF Micro Devices RF5102 Datasheet HTML 4Page - RF Micro Devices RF5102 Datasheet HTML 5Page - RF Micro Devices RF5102 Datasheet HTML 6Page - RF Micro Devices RF5102 Datasheet HTML 7Page - RF Micro Devices RF5102 Datasheet HTML 8Page - RF Micro Devices RF5102 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3 of 11
RF5102
DS110617
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Pin
Function
Description
Interface Schematic
1NC
Not connected. May be connected to ground (GND).
2RF IN
RF input. See evaluation board schematic for details.
3RF IN
RF input. See evaluation board schematic for details.
See pin 2.
4NC
Not connected. May be connected to ground (GND).
5NC
Do not connect.
Note: VCC voltage may be applied to this pin without damage to, or affect-
ing the performance of, the RF5102.
6VREG1
Bias current control voltage for the first stage.
7VREG2
Bias current control voltage for the second stage. The VREG2 pin may be
connected to VREG1 through an external resistor bridge.
8PDETECT (or
N/C*)
Provides an output voltage proportional to the output RF level.
*In applications where the PDETECT function is not desired, this pin may
be left unconnected.
9NC
No-connect.
10
RF OUT
RF output.
11
RF OUT
Same as pin 10.
See pin 10.
12
VCC2
Power supply for second stage amplifier. Connect as shown on evaluation
board schematic.
13
NC
Not connected. May be connected to ground (GND).
14
VCC1
Power supply for first stage amplifier. Connect as shown on evaluation
board schematic.
15
NC
Not connected. May be connected to ground (GND).
16
VCC B
Supply voltage for the bias reference and control circuits. May be con-
nected with VC1 and VC2 (single-supply voltage).
Pkg
Base
GND
The center metal base of the QFN package provides DC and RF ground as
well as heat sink for the amplifier.
INPUT
MATCH
VCC
INTERSTAGE
MATCH
RF OUT
BIAS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com