Electronic Components Datasheet Search
  English  ▼

X  

ELCM-2 Datasheet(PDF) 2 Page - Tyco Electronics

Part # ELCM-2
Description  E-Series Surface Mount Mixer 5 - 1000 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ELCM-2 Datasheet(HTML) 2 Page - Tyco Electronics

  ELCM-2 Datasheet HTML 1Page - Tyco Electronics ELCM-2 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
E-Series Surface Mount Mixer — 5 - 1000 MHz
ELCM-2
M/A-COM Division of AMP Incorporated s North America: Tel. (800) 366-2266, Fax (800) 618-8883 s Asia/Pacific: Tel.+85 2 2111 8088,
Fax +85 2 2111 8087 s Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks.
Specifications subject to change without notice.
V3.00
S 1352
Absolute Maximum Ratings
Parameter
Absolute Maximum
RF Power
50 mW
Peak IF Current
40 mA
Storage Temperature
-55°C to +100°C
Operating Temperature
-55°C to +100°C
Pin Temperature (10 Seconds)
260°C
Functional Configuration
Function
Pin No.
LO
1
RF
4
IF
5
Ground
2, 3, 6
Case Ground
—
Unconnected
—
Typical Performance @ +25°C
Conversion Loss
L-R Isolation
L-I Isolation
-9.0
-8.5
-8.0
-7.5
-7.0
-6.5
-6.0
5.0
205.0
405.0
605.0
805.0
Frequency (MHz)
-60.0
-50.0
-40.0
-30.0
-20.0
-10.0
0.0
10.0
210.0
410.0
610.0
810.0
Frequency (MHz)
-60.0
-50.0
-40.0
-30.0
-20.0
-10.0
0.0
10.0
210.0
410.0
610.0
810.0
Frequency (MHz)
5
200
400
600
800
1000
5
200
400
600
800
1000
5
200
400
600
800
1000



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com