Electronic Components Datasheet Search
  English  ▼

X  

2N5486 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # 2N5486
Description  SILICON N-CHANNEL JFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

2N5486 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  2N5486 Datasheet HTML 1Page - Central Semiconductor Corp 2N5486 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2N5484
2N5485
2N5486
SILICON
N-CHANNEL JFET
The CENTRAL SEMICONDUCTOR 2N5484, 2N5485,
and 2N5486 are silicon N-Channel JFETs designed for
RF amplifier and mixer applications. These devices will
operate well in the VHF/UHF frequency range.
MARKING: FULL PART NUMBER
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Drain-Gate Voltage
VDG
25
V
Gate-Source Voltage
VGS
25
V
Drain Current
ID
30
mA
Continuous Gate Current
IG
10
mA
Power Dissipation
PD
310
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
2N5484
2N5485
2N5486
SYMBOL
TEST CONDITIONS
MIN
MAX
MIN
MAX
MIN
MAX
UNITS
IGSS
VGS=20V
-
1.0
-
1.0
-
1.0
nA
IGSS
VGS=20V, TA=100°C
-
0.2
-
0.2
-
0.2
μA
IDSS
VDS=15V
1.0
5.0
4.0
10
8.0
20
mA
BVGSS
IG=1.0μA
25
-
25
-
25
-
V
VGS(off)
VDS=15V, ID=10nA
0.3
3.0
0.5
4.0
2.0
6.0
V
|yfs|
VDS=15V, VGS=0, f=1.0kHz
3.0
6.0
3.5
7.0
4.0
8.0
mS
|yos|
VDS=15V, VGS=0, f=1.0kHz
-
50
-
60
-
75
μS
Ciss
VDS=15V, VGS=0, f=1.0MHz
-
5.0
-
5.0
-
5.0
pF
Coss
VDS=15V, VGS=0, f=1.0MHz
-
2.0
-
2.0
-
2.0
pF
Crss
VDS=15V, VGS=0, f=1.0MHz
-
1.0
-
1.0
-
1.0
pF
Re(yis)
VDS=15V, VGS=0, f=100MHz
-
100
-
-
-
-
μS
Re(yis)
VDS=15V, VGS=0, f=400MHz
-
-
-
1.0
-
1.0
mS
Re(yos)
VDS=15V, VGS=0, f=100MHz
-
75
-
-
-
-
μS
Re(yos)
VDS=15V, VGS=0, f=400MHz
-
-
-
100
-
100
μS
Re(yfs)
VDS=15V, VGS=0, f=100MHz
2.5
-
-
-
-
-
mS
Re(yfs)
VDS=15V, VGS=0, f=400MHz
-
-
3.0
-
3.5
-
mS
TO-92 CASE
R1 (2-May 2014)
www.centr a lsemi.com


Similar Part No. - 2N5486

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N5486 ONSEMI-2N5486 Datasheet
278Kb / 8P
JFET VHF/UHF Amplifiers
1997
logo
Fairchild Semiconductor
2N5486 FAIRCHILD-2N5486 Datasheet
196Kb / 2P
SFET RF,VHF, UHF, Amplitiers
2N5486 FAIRCHILD-2N5486 Datasheet
73Kb / 7P
N-Channel RF Amplifier
logo
Calogic, LLC
2N5486 CALOGIC-2N5486 Datasheet
23Kb / 2P
N-Channel JFET High Frequency Amplifier
logo
Micro Electronics
2N5486 MICRO-ELECTRONICS-2N5486 Datasheet
150Kb / 1P
N-CHANNEL JUNCTION FIELD EFFECT TRANSISTORS
More results

Similar Description - 2N5486

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPF4416A CENTRAL-CMPF4416A Datasheet
77Kb / 2P
SILICON N-CHANNEL JFET
PN4391 CENTRAL-PN4391 Datasheet
329Kb / 2P
N-CHANNEL SILICON JFET
2N4391 CENTRAL-2N4391 Datasheet
536Kb / 2P
N-CHANNEL SILICON JFET
2N4858 CENTRAL-2N4858 Datasheet
528Kb / 2P
N-CHANNEL SILICON JFET
logo
New Jersey Semi-Conduct...
2N5395 NJSEMI-2N5395 Datasheet
78Kb / 1P
N-CHANNEL SILICON JFET
logo
Central Semiconductor C...
2N4856 CENTRAL-2N4856 Datasheet
539Kb / 2P
N-CHANNEL SILICON JFET
2N4857 CENTRAL-2N4857 Datasheet
539Kb / 2P
N-CHANNEL SILICON JFET
2N4858 CENTRAL-2N4858_15 Datasheet
528Kb / 2P
N-CHANNEL SILICON JFET
2N4859 CENTRAL-2N4859 Datasheet
539Kb / 2P
N-CHANNEL SILICON JFET
PN4391 CENTRAL-PN4391_15 Datasheet
329Kb / 2P
N-CHANNEL SILICON JFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com