Electronic Components Datasheet Search
  English  ▼

X  

RF5345 Datasheet(PDF) 17 Page - RF Micro Devices

Part # RF5345
Description  2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5345 Datasheet(HTML) 17 Page - RF Micro Devices

Back Button RF5345 Datasheet HTML 12Page - RF Micro Devices RF5345 Datasheet HTML 13Page - RF Micro Devices RF5345 Datasheet HTML 14Page - RF Micro Devices RF5345 Datasheet HTML 15Page - RF Micro Devices RF5345 Datasheet HTML 16Page - RF Micro Devices RF5345 Datasheet HTML 17Page - RF Micro Devices RF5345 Datasheet HTML 18Page - RF Micro Devices RF5345 Datasheet HTML 19Page - RF Micro Devices RF5345 Datasheet HTML 20Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
17 of 20
RF5345
DS120215
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Figure 5. WiFi Bypass Control Settings and Signal Flow Diagram
To prevent additional losses during Bypass mode, ensure that the off branches of the SP3T switch have the controls C_TX and
C_BT set “low” or grounded. For optimum performance, it is also recommended to terminate the RF ports BT and TX_In with
50
.
BLUETOOTH TX/RX Mode
For Bluetooth transmit and receive operation, the only active component is the SP3T switch. Typical insertion loss within the
operating frequency is only 1.5dB. Figure 6 illustrates the signal flow and control settings.
Case
Mode
C_TX
C_RX
C_Shared_RX
C_BT
LNA_Bias
3
WiFi Bypass
LOW*
HIGH
LOW
LOW*
LOW
*These controls must be set to a logic low or grounded. Do not leave floating.
8
7
6
5
1
2
3
4
12
11
10
9
13
14
15
16
LNA_Bias
RX_OUT
TX_IN
Vreg
C_BT
ANT
GND
VCC_2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com