Electronic Components Datasheet Search
  English  ▼

X  

RF5345SR Datasheet(PDF) 10 Page - RF Micro Devices

Part # RF5345SR
Description  2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5345SR Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RF5345SR Datasheet HTML 6Page - RF Micro Devices RF5345SR Datasheet HTML 7Page - RF Micro Devices RF5345SR Datasheet HTML 8Page - RF Micro Devices RF5345SR Datasheet HTML 9Page - RF Micro Devices RF5345SR Datasheet HTML 10Page - RF Micro Devices RF5345SR Datasheet HTML 11Page - RF Micro Devices RF5345SR Datasheet HTML 12Page - RF Micro Devices RF5345SR Datasheet HTML 13Page - RF Micro Devices RF5345SR Datasheet HTML 14Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10 of 20
RF5345
DS120215
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
RF5345 Transmit Performance
RF5345 EVM and GAIN vs. TEMPERATURE and POWER
(VCC=3.3v, Vreg=2.8v, 64QAM 54Mbps, FREQ=2.45GHz, 10% Duty Cycle)
0
2
4
6
8
10
12
14
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
OUPUT POWER (dBm)
15
17
19
21
23
25
27
29
EVM ( - 10C )
EVM ( + 25C )
EVM ( + 75C )
GAIN ( - 10C )
GAIN ( + 25C )
GAIN (+75C)
RF5345 EVM and GAIN vs. FREQUENCY and POWER
(VCC=3.3v, Vreg=2.8v, 64QAM 54Mbps, 10% Duty Cycle, Temp=25C)
0
2
4
6
8
10
12
14
012
3456
789
10
11
12
13
14
15
16
17
18
19
20
21
OUPUT POWER (dBm)
15
17
19
21
23
25
27
29
EVM (2.4GHz)
EVM (2.45GHz)
EVM (2.5GHz)
GAIN (2.4GHz)
GAIN (2.45GHz)
GAIN (2.5GHz)
RF5345 EVM and GAIN vs. SUPPLY VOLTAGE and POWER
(Vreg=2.8v, 64QAM 54Mbps, FREQ=2.45GHz, 10% Duty Cycle, Temp=25C)
0
2
4
6
8
10
12
14
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
OUPUT POWER (dBm)
15
17
19
21
23
25
27
29
EVM (3.0V)
EVM (3.3V)
EVM (4.8V)
GAIN (3.0V)
GAIN (3.3V)
GAIN (4.8V)
RF5345 ICC vs. TEMPERATURE and POWER
(VCC=3.3v, Vreg=2.8v, 64QAM 54Mbps, Freq=2450MHz, 10% Duty Cycle)
90
110
130
150
170
190
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
OUPUT POWER (dBm)
TEMP = -10C
TEMP = +25C
TEMP = +75C
RF5345 ICC vs. FREQUENCY and POWER
(VCC=3.3v, Vreg=2.8v, 64QAM 54Mbps, TEMP=25C, 10% Duty Cycle)
90
110
130
150
170
190
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
OUPUT POWER (dBm)
FREQ = 2.4GHz
FREQ = 2.45GHz
FREQ = 2.5GHz
RF5345 ICC vs. SUPPLY VOLTAGE and POWER
(Vreg=2.8v, 64QAM 54Mbps, FREQ=2.45GHz, TEMP=25C, 10% Duty Cycle)
90
110
130
150
170
190
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
OUPUT POWER (dBm)
VCC = 3.0V
VCC = 3.3V
VCC = 4.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com