Electronic Components Datasheet Search
  English  ▼

X  

RF5375SQ Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF5375SQ
Description  2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5375SQ Datasheet(HTML) 3 Page - RF Micro Devices

  RF5375SQ Datasheet HTML 1Page - RF Micro Devices RF5375SQ Datasheet HTML 2Page - RF Micro Devices RF5375SQ Datasheet HTML 3Page - RF Micro Devices RF5375SQ Datasheet HTML 4Page - RF Micro Devices RF5375SQ Datasheet HTML 5Page - RF Micro Devices RF5375SQ Datasheet HTML 6Page - RF Micro Devices RF5375SQ Datasheet HTML 7Page - RF Micro Devices RF5375SQ Datasheet HTML 8Page - RF Micro Devices RF5375SQ Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3 of 12
RF5375
DS120215
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Compliance, cont.
Power Detector
Output Power Range
0
23
dBm
Voltage Range
0.1
1.5
VDC
Voltage at POUT=18dBm
0.6
0.65
0.7
dB
11g; 50; VCC=3.0V to 4.8 V
Filter Bandwidth
0.1
MHz
Sensitivity
POUT<.5V
10
mV/dB
POUT>.5V
20
mV/dB
Voltage Target at 23dBm POUT
1.2
V
Vcc=3.3v, Temp=25°C
Load Variation
±200
mV
up to 3:1 VSWR
Current Consumption
Quiescent
135
180
mA
VCC=3.0V to 4.8VAll Temp
Operating
170
200
mA
VCC<4.2VDC, POUT=18dBm, 11n, 50Temp=25°C
Operating
220
mA
VCC<4.8VDC, POUT=17.5dBm, 11n, 50All Temp
Operating
210
270
mA
VCC<4.2VDC, POUT=21dBm, 11b, 50All Temp
VREG
35
mA
T=25°C
FEM Leakage
500
nA
VCC=“ON”, VREG=0.2VDC, RF OFF
VREG Leakage
50
nA
Noise Figure
8
9
dB
Input Return Loss
8
10
dB
Thermal Resistance
52
°C/W
VCC=4.8V, VREG=2.95V, C_TX=3.3, C_RX=C_BT=GND,
POUT=18dBm, Modulation=OFDM 11g, Freq=2.45GHz,
DC=100%, T=85°C
Harmonics
POUT=21dBm, 1Mbps, CCK BW=1MHz, up to 3:1 load
Second
-15
dBm
4.80GHz to 5.00GHz, VCC=3.3V, Temp=25°C
Third
-20
dBm
7.20GHz to 7.50GHz, VCC=3.3V, Temp=25°C
Stability
PA must be stable from 0 dBm to 21dBm. CW Signal, No
spurs above -41.25dBm for non-harmonic related signals.
Output VSWR
4:1
All phase angles, no spurious or oscillations.
Ruggedness
No Damage Conditions over Voltage and Temperature
Output VSWR
10:1
Input Power
0
dBm
CW Input Power
Input Port Impedance
50
Turn-On/Off Time
1
usec
Output stable to within 90% of final gain
2.4GHz Receive
Frequency
2.4
2.5
GHz
Insertion Loss
.08
1.2
dB
Input P1dB
22
dBm
Passband Ripple
WiFi RX Mode
-0.2
+0.2
dB
WiFi RX/BT Mode
-0.2
+0.2
dB
WiFi RX Port Return Loss
10
12
dB
WiFi RX Port Impedance
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com