Electronic Components Datasheet Search
  English  ▼

X  

RF5501 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF5501
Description  3.3 V, SWITCH AND LNA FRONT END SOLUTION
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5501 Datasheet(HTML) 3 Page - RF Micro Devices

  RF5501 Datasheet HTML 1Page - RF Micro Devices RF5501 Datasheet HTML 2Page - RF Micro Devices RF5501 Datasheet HTML 3Page - RF Micro Devices RF5501 Datasheet HTML 4Page - RF Micro Devices RF5501 Datasheet HTML 5Page - RF Micro Devices RF5501 Datasheet HTML 6Page - RF Micro Devices RF5501 Datasheet HTML 7Page - RF Micro Devices RF5501 Datasheet HTML 8Page - RF Micro Devices RF5501 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3 of 10
RF5501
DS130719
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Switch Control Logic
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Insertion Loss
WiFi Bypass (ANT to
RX_OUT)
3.5
5.0
dB
C RXHI, C TXLO, C BTLO, LNA ENLO
BT (ANT to BT)
0.8
1.2
dB
C BTHI, C RXLO, C TXLO, LNA ENX
TX (TX_IN to ANT)
0.7
1.2
dB
C_TXHI, C_RXLO, C_BTLO, LNA_ENX
Simultaneous WiFi/
BT Bypass (note 2)
6
7
dB
Measured at RX OUT (LNA ENLO, C RXHI, C BTHI,
C TXLO)
4
5.0
dB
Measured at BT Port (LNA ENLO, C RXHI, C BTHI,
C TXLO)
Noise Figure
WiFi Rx Mode
2.0
3.0
dB
Including switch, LNA ENHI
BT
0.8
1.2
dB
Simultaneous WiFi/
BT RX (note 2)
4
5.0
dB
Measured at RX OUT (LNA ENHI, C RXHI, C BTHI,
C TXLO)
Input IP3
+1
+4
dBm
LNA ON (Highh Gain Mode)
Return Loss
WiFi RX Mode
7.5
15
dB
Measured at RX OUT
BT
10
15
dB
Measured at BT Port
Transmit Port
10
15
dB
Measured at TX IN
Antenna Port (WiFi RX
Mode)
7.5
11
dB
Measured at ANT Port under load conditions
Other Parameters
Input/Output Impedance
50
All RF Ports (note 2)
Passband Ripple
-0.2
+0.2
dB
All modes
TX Output Power
21
23
dBm
C_TX>3.0V; 1% composite EVM (note1)
Switch P1dB
28
dBm
Isolation
TX to BT
25
29
dB
Measured ANT-BT in TX mode
TX to RX
20
23
dB
Measured ANT-RX in TX mode
Switch Control Speed
50
ns
ESD Human Body Model (HBM)
500
V
Class 1B; JESD22-A114
ESD Charge Device Model (CDM)
650
V
Class III; JESD22-C101
Note 1: Assumes system EVM < 0.5% for input signal.
Note 2: The FEM can be placed in receive WiFi and Bluetooth modes simultaneously with increased insertion loss.
Switch Controls
MODE
C BT
C RX
C TX
LNA EN
WL RX
LOW
HIGH
LOW
HIGH
WiFi RX Bypass
LOW
HIGH
LOW
LOW
BT
HIGH
LOW
LOW
LOW
TX
LOW
LOW
HIGH
LOW
Simultaneous
WL/BT RX
HIGH
HIGH
LOW
HIGH



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com