Electronic Components Datasheet Search
  English  ▼

X  

RF5506SB Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF5506SB
Description  5.15GHz TO 5.85GHz 802.11a/n FRONT END MODULE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5506SB Datasheet(HTML) 4 Page - RF Micro Devices

  RF5506SB Datasheet HTML 1Page - RF Micro Devices RF5506SB Datasheet HTML 2Page - RF Micro Devices RF5506SB Datasheet HTML 3Page - RF Micro Devices RF5506SB Datasheet HTML 4Page - RF Micro Devices RF5506SB Datasheet HTML 5Page - RF Micro Devices RF5506SB Datasheet HTML 6Page - RF Micro Devices RF5506SB Datasheet HTML 7Page - RF Micro Devices RF5506SB Datasheet HTML 8Page - RF Micro Devices RF5506SB Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4 of 9
RF5506
DS120326
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Pin
Function
Description
1GND
Ground connection.
2HBTX
Transmit RF input. This port is DC blocked internally and matched to 50
.
3GND
Ground connection.
4HBRX
Receiver output. This port is DC blocked internally and matched to 50
.
5GND
Ground connection.
6
LNA EN
Bias voltage for the LNA. See logic control table for proper settings.
7SWTX
Control switch for the transmit mode. See logic control table for proper settings.
8SWRX
Control switch for the receive mode. See logic control table for proper settings.
9GND
Ground connection.
10
ANT
Antenna port. Internally DC blocked and matched to 50
.
11
GND
Ground connection.
12
PDETECT
Power detector for the transmit path.
13
VDD
Supply voltage for the PA.
14
VDD
Same as pin 13.
15
VDD
Supply voltage for the LNA.
16
PA EN
Bias voltage for the PA. See logic table for proper settings.
Pkg
Base
GND
The center metal base of the QFN package provides DC and RF ground as well as heat sink for the front-end
module.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com