Electronic Components Datasheet Search
  English  ▼

X  

RF5516 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF5516
Description  5.15GHz TO 5.85GHz 802.11a/n FRONT END MODULE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5516 Datasheet(HTML) 1 Page - RF Micro Devices

  RF5516 Datasheet HTML 1Page - RF Micro Devices RF5516 Datasheet HTML 2Page - RF Micro Devices RF5516 Datasheet HTML 3Page - RF Micro Devices RF5516 Datasheet HTML 4Page - RF Micro Devices RF5516 Datasheet HTML 5Page - RF Micro Devices RF5516 Datasheet HTML 6Page - RF Micro Devices RF5516 Datasheet HTML 7Page - RF Micro Devices RF5516 Datasheet HTML 8Page - RF Micro Devices RF5516 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1 of 9
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
GND
GND
GND
PDET
ANT
HBTX
HBRX
GND
4
3
2
1
16
15
14
13
12
11
10
9
8
7
6
5
LNA
SP2T
PA
Coupler
Detector
2fo filter
RF5516
5.15GHz TO 5.85GHz 802.11a/n
FRONT END MODULE
The RF5516 provides a complete integrated solution in a single Front-End
Module (FEM) for WiFi 802.11a systems. The ultra small form factor and
integrated matching minimizes the layout area in the customer's applica-
tion and greatly reduces the number of external components to only one
bypass capacitor for supply decoupling. This simplifies the total Front-End
solution by reducing the bill of materials, system footprint, and manufac-
turability cost. The RF5516 integrates a Power Amplifier (PA), Single Pole
Double Throw switch (SP2T), Low Noise Amplifier (LNA), and a power
detector coupler for improved accuracy. The device is provided in a
3mmx3mmx0.5mm, 16-pin package. This module meets or exceeds the
RF Front End needs of IEEE 802.11a WiFi RF systems.
Features
Single Supply Voltage 3.0V to
4.8V
Integrated 5GHz Amplifier,
LNA, and SPT2T Tx/Rx Switch
POUT=15.5dBm, 11a, OFDM
at 2.5% EVM
Low Height Package, Suited
for SiP and CoB Designs
Applications
Cellular handsets
Mobile devices
Tablets
Consumer electronics
Gaming
Netbooks/Notebooks
TV/monitors/video
DS120214
Package Style: QFN, 16-pin, 3.0mmx3.0mmx0.5mm
RF5516SB
Standard 5 piece bag
RF5516
Standard 25 piece bag
RF5516SR
Standard 100 piece bag
RF5516TR7
Standard 2500 piece reel
RF5516PCK-410
Fully assembled Evaluation Board and 5 loose sample pieces


Similar Part No. - RF5516

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5515 RFMD-RF5515 Datasheet
634Kb / 9P
4.9GHz TO 5.85GHZ LOW NOISE AMPLIFIER WITH ENABLE
RF5515PCK-410 RFMD-RF5515PCK-410 Datasheet
634Kb / 9P
4.9GHz TO 5.85GHZ LOW NOISE AMPLIFIER WITH ENABLE
RF5515SR RFMD-RF5515SR Datasheet
634Kb / 9P
4.9GHz TO 5.85GHZ LOW NOISE AMPLIFIER WITH ENABLE
RF5515TR7 RFMD-RF5515TR7 Datasheet
634Kb / 9P
4.9GHz TO 5.85GHZ LOW NOISE AMPLIFIER WITH ENABLE
More results

Similar Description - RF5516

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5506 RFMD-RF5506 Datasheet
966Kb / 9P
5.15GHz TO 5.85GHz 802.11a/n FRONT END MODULE
RFFM4503 RFMD-RFFM4503 Datasheet
354Kb / 9P
4.9GHz to 5.85GHz 802.11a/n/ac Wi-Fi Front End Module
RFFM8500 RFMD-RFFM8500 Datasheet
544Kb / 12P
4.9GHz TO 5.85GHz 802.11a/n/ac FRONT END MODULE
RFFM8500Q RFMD-RFFM8500Q Datasheet
605Kb / 10P
4.9GHz to 5.85GHz 802.11a/n Front End Module
RFFM8502 RFMD-RFFM8502 Datasheet
257Kb / 8P
4.9GHz to 5.85GHz 802.11a/n WiFi Front End Module
RFFM8504 RFMD-RFFM8504 Datasheet
502Kb / 7P
4.9GHZ TO 5.85GHZ 802.11a/n/ac/WiFi FRONT END MODULE
RFFM8505 RFMD-RFFM8505 Datasheet
518Kb / 9P
4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
logo
TriQuint Semiconductor
RFFM8515 TRIQUINT-RFFM8515 Datasheet
401Kb / 8P
4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
logo
Qorvo, Inc
RFFM4501E QORVO-RFFM4501E Datasheet
166Kb / 2P
3.3V, 4.9GHz to 5.85GHz 802.11a/n/ac Front End Module
RF5506 QORVO-RF5506 Datasheet
966Kb / 9P
5.15GHz TO 5.85GHz 802.11a/n FRONT END MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com