Electronic Components Datasheet Search
  English  ▼

X  

RF5540SQ Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF5540SQ
Description  4.9GHz TO 5.85GHz SWITCH AND LNA FRONT END SOLUTION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5540SQ Datasheet(HTML) 2 Page - RF Micro Devices

  RF5540SQ Datasheet HTML 1Page - RF Micro Devices RF5540SQ Datasheet HTML 2Page - RF Micro Devices RF5540SQ Datasheet HTML 3Page - RF Micro Devices RF5540SQ Datasheet HTML 4Page - RF Micro Devices RF5540SQ Datasheet HTML 5Page - RF Micro Devices RF5540SQ Datasheet HTML 6Page - RF Micro Devices RF5540SQ Datasheet HTML 7Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2 of 7
RF5540
DS130128
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
DC Supply Voltage
5.5
V
Operating Temperature Range
-40 to +85
°C
Storage Temperature
-40 to +150
°C
ESD - Human Body Model
500
V
ESD - CDM
1000
V
LNA Input Power (No Damage)
5
dBm
Moisture Sensitivity
MSL2
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Compliance
IEEE802.11a, FCC CFR 15.247, .205, .209, EN and JDEC,
VDD=2.7 to 4.2V, LNA_EN=2.5 to VDD-0.2V, Temp=-15°C
to +75°C, Freq=4.9GHz to 5.85GHz, unless otherwise
noted.
Receive Parameters
Frequency
4.90
5.85
GHz
LNA Voltage Supply (VDD)
2.7
3.6
4.2
V
LNA Enable Voltage (LNA-EN)
LNA Enabled
2.5
3.3
VDD - 0.2
V
LNA Off
0
0.2
V
LNA_EN off turns bypass switch ON
Switch Control Logic
Low
0
0.2
V
High
2.5
3.3
VDD - 0.2
V
LNA Current
LNA VDD
17
22
mA
LNA in “ON” State
29
mA
Extended temp range, -40 to +85C, input drive level -5Bm
0
5
30
uA
LNA in “OFF” State
500
uA
Extended temp range -40C to +85C
LNA_EN Current
1
mA
LNA in “ON” State
100
uA
LNA in “OFF” State
600
uA
Extended temp range -40C to +85C
Gain
WiFi RX
11
16
20
dB
Includes temp range -40C to +85C
Bypass Mode
-13
-9
-7
dB
Includes temp range -40C to +85C
Noise Figure
2.4
3.2
dB
VDD>3.0V, including switch
3.4
dB
Extended temp range -40C to +85C
Passband Ripple
WiFi RX Mode
-1.3
+1.3
dB
5.10GHz to 5.85GHz
-0.8
+0.8
dB
4.9GHz to 5.1GHz
WiFi RX Bypass Mode
-0.8
+0.8
dB
WiFi RX Port Return Loss
10
dB
IP1dB
-7
dBm
-10
dBm
Extended temp range -40C to +85C
IIP3
3
dBm
0
dBm
Extended temp range -40C to +85C
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
RFMD Green: RoHS compliant per EU Directive 2002/95/EC, halogen free
per IEC 61249-2-21, < 1000ppm each of antimony trioxide in polymeric
materials and red phosphorus as a flame retardant, and <2% antimony in
solder.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com