Electronic Components Datasheet Search
  English  ▼

X  

RF5605 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF5605
Description  5.0V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5605 Datasheet(HTML) 2 Page - RF Micro Devices

  RF5605 Datasheet HTML 1Page - RF Micro Devices RF5605 Datasheet HTML 2Page - RF Micro Devices RF5605 Datasheet HTML 3Page - RF Micro Devices RF5605 Datasheet HTML 4Page - RF Micro Devices RF5605 Datasheet HTML 5Page - RF Micro Devices RF5605 Datasheet HTML 6Page - RF Micro Devices RF5605 Datasheet HTML 7Page - RF Micro Devices RF5605 Datasheet HTML 8Page - RF Micro Devices RF5605 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2 of 17
RF5605
DS120213
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage (RF Applied)
-0.5 to +5.25
V
Supply Voltage (No RF Applied)
-0.5 to +6.0
V
DC Supply Current (RMS)
1200
mA
Input RF Power with 50
 Output
Load.
+10
dBm
Maximum VSWR with no Damage
10:1
Operating Ambient Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Maximum Juction Temperature
TJ-MAX
175
°C
Moisture Sensitivity
MSL3
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Typical Conditions
T=25 °C, VCC=5.0V, VREG=2.85V, using an
IEEE802.11g waveform, 54MBps, unless otherwise
noted
Tx Performance - 11g/n
Compliance with standard 802.11g/n
Frequency
2412
2484
MHz
802.11n Output Power
26.5
27
dBm
802.11n HT20 and HT40 MCS7
11n EVM
2.5
3
%
802.11g Output Power
27
27.5
dBm
802.11g 64QAM 54Mbps
11g EVM
2.5
3
%
Second Harmonic
-40
-32
dBm/MHz At rated POUT
Third Harmonic
-50
-40
dBm/MHz At rated POUT
Tx Performance - 11b
Compliance with standard 802.11b
802.11b output power
28.5
29
dBm
802.11b 1MBps
ACP1
-36
-32
dBc
802.11b 1MBps
ACP2
-56
-52
dBc
802.11b 1MBps
Tx Performance - Generic
Gain
32
35
37
dB
Gain variation over Temp
+/-2.5
dB
Over temerature of -40°C to +85˚C
Low Gain Mode - gain reduction
23
dB
Drop in gain versus high gain mode by setting VREG2=0
Power Detect Range
0.2
1.7
V
POUT=0dBm to 30dBm
Power Detect Voltage
1.25
V
At rated POUT
Input Return Loss at TX_IN pin
10
15
dB
In specified frequency band
Output Return Loss at ANT pin
7
9
dB
In specified frequency band
Operating Current
900
1000
mA
At rated POUT
Quiescent Current
525
600
mA
VCC=5.0, VREG=2.85V and RF=OFF
PAE (Power Added Efficiency)
17
%
At rated POUT (PA only)
IREG
7
10
mA
in Tx mode
PDOWN Current - VREG supply
10
12.5
mA
PDOWN=0V, VREG=2.85V, VCC=5V
PDOWN Current - VCC Supply
1.7
2.5
mA
PDOWN=0V, VREG=2.85V, VCC=5V
Leakage Current
0.4
1
mA
VCC=5V, VREG=0V, PDOWN=0V
Power Supply - VCC
5
5.25
V
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
RFMD Green: RoHS compliant per EU Directive 2002/95/EC, halogen free
per IEC 61249-2-21, < 1000ppm each of antimony trioxide in polymeric
materials and red phosphorus as a flame retardant, and <2% antimony in
solder.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com