Electronic Components Datasheet Search
  English  ▼

X  

RF5616SQ Datasheet(PDF) 13 Page - RF Micro Devices

Part # RF5616SQ
Description  3.0V TO 5.0V, 5GHz LINEAR POWER AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5616SQ Datasheet(HTML) 13 Page - RF Micro Devices

Back Button RF5616SQ Datasheet HTML 5Page - RF Micro Devices RF5616SQ Datasheet HTML 6Page - RF Micro Devices RF5616SQ Datasheet HTML 7Page - RF Micro Devices RF5616SQ Datasheet HTML 8Page - RF Micro Devices RF5616SQ Datasheet HTML 9Page - RF Micro Devices RF5616SQ Datasheet HTML 10Page - RF Micro Devices RF5616SQ Datasheet HTML 11Page - RF Micro Devices RF5616SQ Datasheet HTML 12Page - RF Micro Devices RF5616SQ Datasheet HTML 13Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
13 of 13
RF5616
DS130516
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
-25
-20
-15
-10
-5
0
5
10
15
20
25
30
35
1000
2000
3000
4000
5000
6000
7000
8000
S11
S21
S22
(dB)
Frequency (MHz)
Typical S11, S21, and S22
(VCC= 5.0V, VREG = 2.85V, VMODE = 0V at 25°C)
S11
S21
S22
-25
-20
-15
-10
-5
0
5
10
15
20
25
30
35
1000
2000
3000
4000
5000
6000
7000
8000
S11
S21
S22
(dB)
Frequency (MHz)
Typical S11, S21, and S22
(VCC= 5.0V, VREG= 2.85V, VMODE = 3.3V at 25°C)
S11
S21
S22
0.000
0.005
0.010
0.015
0.020
0.025
0
2
4
6
8
10
12
14
16
18
20
22
IREG (A)
POUT (dBm)
Typical IREG versus POUT over Temp (-40 to +85C)
(VCC = 5.0V, VREG = 2.85V)
5400 MHz -40C
5400 MHz -10C
5400 MHz 25C
5400 MHz +70C
5400 MHz +85C
0.00890
0.00895
0.00900
0.00905
0.00910
0.00915
0.00920
0
2
4
6
8
10
12
14
16
18
20
22
IREG (A)
POUT (dBm)
Typical IREG versus POUT
(VCC = 5.0V, VREG = 2.85V)
4900MHz
5400MHz
5850MHz
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
2
4
6
8
10
12
14
16
18
20
22
PDET (V)
POUT (dBm)
Typical PDET versus POUT over Temp ( -40 to +85C)
(VCC = 5.0V, VREG = 2.85V)
5400 MHz -40C
5400 MHz -10C
5400 MHz 25C
5400 MHz +70C
5400 MHz +85C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
2
4
6
8
10
12
14
16
18
20
22
PDET (V)
POUT (dBm)
Typical PDET versus POUT
(VCC = 5.0V, VREG = 2.85V)
4900MHz
5400MHz
5850MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com