Electronic Components Datasheet Search
  English  ▼

X  

RF5632SB Datasheet(PDF) 12 Page - RF Micro Devices

Part # RF5632SB
Description  SINGLE 5.0V, 2.3 TO 2.7 GHZ LINEAR POWER AMPLIFIER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5632SB Datasheet(HTML) 12 Page - RF Micro Devices

Back Button RF5632SB Datasheet HTML 8Page - RF Micro Devices RF5632SB Datasheet HTML 9Page - RF Micro Devices RF5632SB Datasheet HTML 10Page - RF Micro Devices RF5632SB Datasheet HTML 11Page - RF Micro Devices RF5632SB Datasheet HTML 12Page - RF Micro Devices RF5632SB Datasheet HTML 13Page - RF Micro Devices RF5632SB Datasheet HTML 14Page - RF Micro Devices RF5632SB Datasheet HTML 15Page - RF Micro Devices RF5632SB Datasheet HTML 16Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
12 of 18
RF5632
DS120213
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
WLAN Performance Plots
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
Output Power (dBm)
EVM(%) vs. Pout(dBm)
- 40° C
Vcc=5VDc Vreg=5VDc
2400MHz
2450MHz
2500MHz
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
Output Power (dBm)
EVM(%) vs. Pout(dBm)
25° C
Vcc=5VDc Vreg=5VDc
2400MHz
2450MHz
2500MHz
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
Output Power (dBm)
EVM(%) vs. Pout(dBm)
85° C
Vcc=5VDc Vreg=5VDc
2400MHz
2450MHz
2500MHz
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0.90
1.00
0.0
2.0
4.0
6.0
8.0
10.0 12.0 14.0 16.0 18.0 20.0 22.0 24.0 26.0 28.0 30.0
Output Power (dBm)
Icc(A) vs. Pout(dBm)
- 40° C
Vcc=5VDc Vreg=5VDc
2400MHz
2450MHz
2500MHz
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0.90
1.00
0.0
2.0
4.0
6.0
8.0
10.0 12.0 14.0 16.0 18.0 20.0 22.0 24.0 26.0 28.0 30.0
Output Power (dBm)
Icc(A) vs. Pout(dBm)
85° C
Vcc=5VDc Vreg=5VDc
2400MHz
2450MHz
2500MHz
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0.90
1.00
0.0
2.0
4.0
6.0
8.0
10.0 12.0 14.0 16.0 18.0 20.0 22.0 24.0 26.0 28.0 30.0
Output Power (dBm)
Icc(A) vs. Pout(dBm)
25 ° C
Vcc=5VDc Vreg=5VDc
2400MHz
2450MHz
2500MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com