Electronic Components Datasheet Search
  English  ▼

X  

RF5722 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF5722
Description  3.0V TO 3.6V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5722 Datasheet(HTML) 5 Page - RF Micro Devices

  RF5722 Datasheet HTML 1Page - RF Micro Devices RF5722 Datasheet HTML 2Page - RF Micro Devices RF5722 Datasheet HTML 3Page - RF Micro Devices RF5722 Datasheet HTML 4Page - RF Micro Devices RF5722 Datasheet HTML 5Page - RF Micro Devices RF5722 Datasheet HTML 6Page - RF Micro Devices RF5722 Datasheet HTML 7Page - RF Micro Devices RF5722 Datasheet HTML 8Page - RF Micro Devices RF5722 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5 of 10
RF5722
DS110619
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Application Schematic
C5
330 pF
L1
22 nH
C1
0.1
F
C3
56 pF
PDETECT
VREG
C4
1.8 pF
C2
1 uF
VCC
1
2
8
7
5
6
4
3
Bias Circuit
Input
Match
Interstage
Match
Power
Detector
2Fo
Filter
50
strip
J3
RF IN
R1
0
L3
1.0 nH
C6
DNP
50
strip
50
strip
J4
RF OUT
L2
8.2 nH
50
strip



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com