Electronic Components Datasheet Search
  English  ▼

X  

TCS080T Datasheet(PDF) 1 Page - Integrated Technology Future

Part # TCS080T
Description  Low thermal resistance
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

TCS080T Datasheet(HTML) 1 Page - Integrated Technology Future

  TCS080T Datasheet HTML 1Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
102-901, Bucheon Technopark 364, Samjung-Dong, Ojeong-Gu, Bucheon-City, Gyounggi-Do, Korea 421-809
For sales or technical support contact ITF at (+82)32-621-1213 or sales@itf.co.kr
TCS080T
Thermal Copper Sheet
Thermal Sheet
Thermal Sheet
Feature
Excellent
thermal
conductivity
(about
400W/m.K)
Low thermal resistance
ROHS compliant
Thickness 80um
Applications
Handheld
device
like
smart phone, tablet PC
and potable devices
Large
display
(LCD,
PDP, OLED Display)
Lighting systems (LED
light)
Power
device
and
systems
Layer Information
Thermal Conductive Adhesive (35um)
Release PET
Copper Layer(35um)
Thermal Radiation Layer(10um)
Product Description
TCS080T
is a pure copper sheet which has a high thermal
conductivity even though it is extremely thin which is with
thermal radiation layer and thermal conductive adhesive. It is
available to provide solutions to the thermal management and
heat-sinking in limited space or further heat-sinking. TCS080T
is thin, light and perfect workability making custom shape as
customer wants.
Materials
■ Cu/Adhesive □ Pure Graphite □ Artificial Graphite
Characteristics
ITEM
Standard
Reference
Top Layer Color
Dark Gray
-
Thickness
0.08±10%
(mm)
Adhesive Strength
Min 1500
(gf/25mm),ASTM D3330
400±50
(W/m.K), X-Y axis
Thermal
Conductivity
40±1
(W/m.K), Z-axis
Tensile Strength
0ver 60
ASTM D882
Elongation
0.8
(%), ASTMD882
Thermal Shock
O.K
100℃ 72Hrs
Heat Resistance
O.K
100℃ 72Hrs
10um
Thermal Radiation Layer
35um
Copper Layer
35um
Thermal Conductive Layer
Layer Information
75um
Release PET Liner


Similar Part No. - TCS080T

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
TCS01FPDQR010 TOKEN-TCS01FPDQR010 Datasheet
420Kb / 5P
TCS Current Sense Chip Resistors
TCS01FPDQR010N TOKEN-TCS01FPDQR010N Datasheet
420Kb / 5P
TCS Current Sense Chip Resistors
TCS01FPDQR100 TOKEN-TCS01FPDQR100 Datasheet
420Kb / 5P
TCS Current Sense Chip Resistors
TCS01FPDQR100N TOKEN-TCS01FPDQR100N Datasheet
420Kb / 5P
TCS Current Sense Chip Resistors
TCS01FPDSR010 TOKEN-TCS01FPDSR010 Datasheet
420Kb / 5P
TCS Current Sense Chip Resistors
More results

Similar Description - TCS080T

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFI734GPBF IRF-IRFI734GPBF Datasheet
282Kb / 8P
Low Thermal Resistance
logo
List of Unclassifed Man...
PC99 ETC2-PC99 Datasheet
664Kb / 1P
Low thermal resistance
logo
Integrated Technology F...
TCS050T ITF-TCS050T Datasheet
106Kb / 1P
Low thermal resistance
logo
M/A-COM Technology Solu...
MA4P504-1072 MA-COM-MA4P504-1072 Datasheet
677Kb / 5P
Low Thermal Resistance
logo
Sangdest Microelectroni...
ST3060DJF SMC-ST3060DJF Datasheet
131Kb / 4P
Low thermal resistance
logo
Ohmite Mfg. Co.
RES-TEH70 OHMITE-RES-TEH70 Datasheet
331Kb / 2P
Low thermal resistance
logo
Vishay Siliconix
IRFIBC40GLC VISHAY-IRFIBC40GLC Datasheet
890Kb / 9P
Low thermal resistance
02-May-16
logo
STMicroelectronics
STGB30M65DF2 STMICROELECTRONICS-STGB30M65DF2 Datasheet
881Kb / 18P
Low thermal resistance
11-Apr-2017
STGB30V60F STMICROELECTRONICS-STGB30V60F Datasheet
1Mb / 19P
Low thermal resistance
08-Apr-2014
STGW80H65FB STMICROELECTRONICS-STGW80H65FB Datasheet
1Mb / 18P
Low thermal resistance
13-Jun-2014
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com