Electronic Components Datasheet Search
  English  ▼

X  

RF5745SR Datasheet(PDF) 8 Page - RF Micro Devices

Part # RF5745SR
Description  2.4GHz TO 2.5GHz, 802.11b/g/n SINGLE-BAND FRONT END MODULE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5745SR Datasheet(HTML) 8 Page - RF Micro Devices

Back Button RF5745SR Datasheet HTML 3Page - RF Micro Devices RF5745SR Datasheet HTML 4Page - RF Micro Devices RF5745SR Datasheet HTML 5Page - RF Micro Devices RF5745SR Datasheet HTML 6Page - RF Micro Devices RF5745SR Datasheet HTML 7Page - RF Micro Devices RF5745SR Datasheet HTML 8Page - RF Micro Devices RF5745SR Datasheet HTML 9Page - RF Micro Devices RF5745SR Datasheet HTML 10Page - RF Micro Devices RF5745SR Datasheet HTML 11Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8 of 11
RF5745
DS120214
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Theory of Operation
The RF5745 is an integrated front-end module (FEM) for high performance ZigBee® (802.15.4) and WiFi (802.11b/g) applica-
tions in the 2.4GHz to 2.5GHz ISM band. The FEM addresses the need for aggressive size reduction by integrating 50
 match-
ing networks to all RF ports and minimizing the number of external components. The FEM has integrated ZigBee® power
amplifier, LNA, power detector, and some TX filtering. Also it is capable of switching between WiFi RX, WiFi TX, and simultane-
ous WiFi/BT Receive modes. The device is manufactured on GaAs HBT/pHEMT processes and is provided in a
3.00mmx3.00mmx0.45mm 16-pin QFN package. This module meets or exceeds the front-end system requirements for
802.15.4 and 802.11b/g applications.
For best performance, the evaluation board layout should be copied as close as possible in particular the ground vias and
bypassing components. Other configurations may work, but the design process is much easier and quicker if this recommen-
dation is followed. Gerber files of the evaluation board can be provided upon request. The supply voltage lines should present
an RF short to the FEM by using bypass capacitors on the VCC traces.
The RF5745 is a very easy part to implement, but care on circuit layout and component selection is always advisable when
designing circuits that operate at 2.5GHz. Please contact RFMD Sales or Application Engineering for additional data and guid-
ance. The RF5745 requires a single supply voltage (VCC), a regulated current control voltage (VREG) supply, and a switch control
supply to simplify bias requirements.
802.11b/g and ZigBee® Transmit Path
The RF5745 has a typical gain of 31dB from 2.4GHz to 2.5GHz. This FEM is capable of delivering a typical output power of
24dBm to 25dBm when operating under the IEEE802.15.4 conditions. It is also capable of delivering 17dBm typical output
power with a standard IEEE802.11g waveform and 20dBm with a standard IEEE802.11b waveform. Current control optimiza-
tion is provided through the VREG pin which requires a regulated supply to maintain nominal current.
Out of Band Rejection
The RF5745 contains basic filtering components for the transmit path. Due to space constraints inside the module, filtering is
limited to a few resonant poles. Additional filters may be needed outside the module depending upon the end-user's applica-
tion.
Receive Path
While on receive mode, the RF5745 has a typical gain of 10dB and minimum insertion loss for the BT path. The RX port return
loss is typically around 10dB. Depending on the application, if higher out of band rejection is needed beyond what the RF5745
can achieve, then additional external filters may be added. The RF5745 is designed so that the SP3T may act as a 3dB splitter
when placed in WiFi RX and BT RX mode simultaneously. See logic control table for proper settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com