Electronic Components Datasheet Search
  English  ▼

X  

RF5745TR7 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF5745TR7
Description  2.4GHz TO 2.5GHz, 802.11b/g/n SINGLE-BAND FRONT END MODULE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5745TR7 Datasheet(HTML) 3 Page - RF Micro Devices

  RF5745TR7 Datasheet HTML 1Page - RF Micro Devices RF5745TR7 Datasheet HTML 2Page - RF Micro Devices RF5745TR7 Datasheet HTML 3Page - RF Micro Devices RF5745TR7 Datasheet HTML 4Page - RF Micro Devices RF5745TR7 Datasheet HTML 5Page - RF Micro Devices RF5745TR7 Datasheet HTML 6Page - RF Micro Devices RF5745TR7 Datasheet HTML 7Page - RF Micro Devices RF5745TR7 Datasheet HTML 8Page - RF Micro Devices RF5745TR7 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3 of 11
RF5745
DS120214
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
2.4GHz Transmit Parameters,
cont’d
Power Detect
Voltage Detect
0.1
2.0
V
POUT 0dBm to 23dBm over all conditions
Input Resistance
10
k
Input Capacitance
5
pF
Bandwidth
800
1000
kHz
Current Consumption
ICC
150
mA
RFPOUT=16dBm, 54Mbps IEEE802.11g
190
At rated 11b power
250
mA
RFPOUT=24dBm, 11b and ZigBee® waveform
Idle
110
mA
VCC=4V, VREG=2.85V, and RF=OFF
IREG
35
mA
Leakage
2
10
A
Power Supply
3.0
4
4.5
V
VREG
2.75
2.85
2.95
V
Input/Output Impedance
50
Ruggedness
Output VSWR
10:1
No damage
Stability
Output VSWR
5:1
No spurs above -45dBm/MHz
Thermal Resistance
79.25
°C/W
VCC = 3.3, VREG = 2.9V, C_TX = 3.3,
C_RX = C_BT = GND, POUT = 17dBm,
Modulation = On, Freq = 2.45GHz, DC = 100%,
T = 85°C
Harmonics
RBW=1MHz. Measured at 1Mbps.
Second
-27
TBD
dBm
POUT at CF=20dBm, H2 Frequency is between
4.8GHz to 5.0GHz
Third
-48
TBD
dBm
POUT at CF=20dBm, H3 Frequency is between
7.2GHz to 7.5GHz
Turn-On/Off Time
0.5
1.0
S
Output stable to within 90% of final gain
Antenna Port Impedance
Antenna port is a DC short to ground
Input
50
Receive
Output
50
Transmit
Switch Control Voltage
Low
0
0.2
V
High
2.30
2.85
VCC
V
Switch Control Current
10
A
Per control line
Switch Control Speed
100
nsec



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com