Electronic Components Datasheet Search
  English  ▼

X  

RF5755SR Datasheet(PDF) 13 Page - RF Micro Devices

Part # RF5755SR
Description  2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5755SR Datasheet(HTML) 13 Page - RF Micro Devices

Back Button RF5755SR Datasheet HTML 7Page - RF Micro Devices RF5755SR Datasheet HTML 8Page - RF Micro Devices RF5755SR Datasheet HTML 9Page - RF Micro Devices RF5755SR Datasheet HTML 10Page - RF Micro Devices RF5755SR Datasheet HTML 11Page - RF Micro Devices RF5755SR Datasheet HTML 12Page - RF Micro Devices RF5755SR Datasheet HTML 13Page - RF Micro Devices RF5755SR Datasheet HTML 14Page - RF Micro Devices RF5755SR Datasheet HTML 15Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
13 of 15
RF5755
DS120214
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
RF5755 Performance Graphs
0
2
4
6
8
10
12
0.23
1
2
3
4
5
6
7
8
9
101112
13
14
15
161718
19
2021
2223
EVM (%)
Output Power (dBm)
RF5755: EVM vs. Output Power at Temp=‐10°C
(VCC=3.3v; VREG=3.1v)
2400MHz
2450MHz
2500MHz
0
2
4
6
8
10
12
0.19
1
2
3
4
5
6
7
8
9
101112
13
14
15
161718
19
2021
2223
EVM (%)
Output Power      (dBm)
RF5755: EVM vs. Output Power at Temp=+25°C
(VCC=3.3v; VREG=3.1v)
2400MHz
2450MHz
2500MHz
0
2
4
6
8
10
12
14
0.75 1.5
2.5 3.5 4.5
5.5 6.5 7.5
8.5 9.5 10.5 11.5 12.5 13.5 14.5 15.5 16.5 17.5 18.5 19.5 20.5 21.5 22.5 23.34
EVM (%)
Output Power (dBm)
RF5755: EVM vs. Output Power at Temp=+70°C
(VCC=3.3v; VREG=3.1v)
2400MHz
2450MHz
2500MHz
20
22
24
26
28
30
32
34
0
2
4
6
8
10
12
14
0.23 1
2
3
4
5
6
7
8
9
1011 121314 1516 17 18 19 202122 23
GAIN (dB)
EVM (%)
Output Power (dBm)
RF5755: EVM and GAIN vs. Output Power vs. Temperature
(VCC=3.3v; VREG=3.1v; Freq=2450MHz)
‐10C
+25C
+70C
20
22
24
26
28
30
32
34
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.23 1
2345
678
9 10 11 12 13 14 15 16 17 18 19 20 21 22 23
GAIN (dB)
Operating 
Current  
(A)
Output Power (dBm)
RF5755: Operating Current and GAIN vs. Output Power vs. Temperature
(VCC=3.3v; VREG=3.1v; Freq=2450MHz)
‐10C
+25C
+70C
20
22
24
26
28
30
32
34
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.23 1
2
3
4
5
6
7
8
9
101112 1314151617 1819202122 23
GAIN (dB)
Operating 
Current  
(A)
Output Power (dBm)
RF5755: Operating Current and GAIN vs. Output Power vs. Frequency
(VCC=3.3v; VREG=3.1v; Temp=25°C)
2400MHz
2450MHz
2500MH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com