Electronic Components Datasheet Search
  English  ▼

X  

RF6504 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF6504
Description  3.3V TO 4.0V, 433MHz TO 470MHz TRANSMIT/RECEIVE FRONT END MODULE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6504 Datasheet(HTML) 4 Page - RF Micro Devices

  RF6504 Datasheet HTML 1Page - RF Micro Devices RF6504 Datasheet HTML 2Page - RF Micro Devices RF6504 Datasheet HTML 3Page - RF Micro Devices RF6504 Datasheet HTML 4Page - RF Micro Devices RF6504 Datasheet HTML 5Page - RF Micro Devices RF6504 Datasheet HTML 6Page - RF Micro Devices RF6504 Datasheet HTML 7Page - RF Micro Devices RF6504 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4 of 8
RF6504
DS130730
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Pin
Function
Description
5ANT
Antenna Connect Port.
9
C_TX
Transmit Selection Control Line.
11
C_RX
Receive Selection Control Line.
16
RX
Receive Port.
18
TX
Transmit Port.
23
VCC
Power Amplifier Supply Voltage.
24
VREG
Power Amplifier Bias Control. VCC to 0.2V = ON, 0V = OFF.
7, 10
NC
1, 2,
3, 4,
6, 8,
12,
13,
14,
15,
17,
19,
20,
21,
22,
25,
26,
27, 28
GND
Ground.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com