Electronic Components Datasheet Search
  English  ▼

X  

RF6504SR Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF6504SR
Description  3.3V TO 4.0V, 433MHz TO 470MHz TRANSMIT/RECEIVE FRONT END MODULE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6504SR Datasheet(HTML) 7 Page - RF Micro Devices

  RF6504SR Datasheet HTML 1Page - RF Micro Devices RF6504SR Datasheet HTML 2Page - RF Micro Devices RF6504SR Datasheet HTML 3Page - RF Micro Devices RF6504SR Datasheet HTML 4Page - RF Micro Devices RF6504SR Datasheet HTML 5Page - RF Micro Devices RF6504SR Datasheet HTML 6Page - RF Micro Devices RF6504SR Datasheet HTML 7Page - RF Micro Devices RF6504SR Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7 of 8
RF6504
DS130730
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Typical Performance
3
2
7
12
17
22
27
32
0
5
10
15
20
25
30
POUT (dBm)
PA Gain (dB)versus POUT (dBm)
VCC = 3.6V, VREG = 3.4V, Freq = 450MHz, Temp= 30°C, 25°C, and 70°C
30°C
25°C
70°C
3
2
7
12
17
22
27
32
0
5
10
15
20
25
30
POUT (dBm)
PA Gain (dB) versus POUT (dBm)
VCC = 3.6V, VREG = 3.4V, Freq = 433MHz, 450MHz, and 470MHz, Temp=25°C
433MH
450MH
470MH
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
5
0
5
10
15
20
25
30
35
POUT (dBm)
ICC (mA) versus POUT (dBm)
VCC = 3.6V, VREG = 3.4V, Freq = 450MHz, Temp = 30°C, 25°C, and 70°C
30°C
25°C
70°C
0
5
10
15
20
25
30
35
20
15
10
5
0
5
10
15
20
PIN (dBm)
POUT (dBm) versus PIN (dBm)
VCC = 3.6V, VREG = 3.4V, Freq = 433MHz, 450MHz, and 470MHz, Temp = 25°C
433MH
450MH
470MH
0
5
10
15
20
25
30
35
20
15
10
5
0
5
101520
PIN (dBm)
POUT (dBm)versus PIN (dBm)
VCC = 3.6V, VREG = 3.4V, Freq = 450MHz, Temp = 30°C, 25°C, and 70°C
30°C
25 °C
70 °C
0.55
0.53
0.51
0.49
0.47
0.45
0.43
0.41
0.39
0.37
0.35
380
400
420
440
460
480
500
Frequency (MHz)
Rx Insertion Loss (dB) versusFrequency (MHz)
VCC = 3.6V, VREG = 0.2V
30°C
25°C
70°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com