Electronic Components Datasheet Search
  English  ▼

X  

RF6519 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF6519
Description  3.3V TO 5.0V, 915MHz TRANSMIT/RECEIVE MODULE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6519 Datasheet(HTML) 5 Page - RF Micro Devices

  RF6519 Datasheet HTML 1Page - RF Micro Devices RF6519 Datasheet HTML 2Page - RF Micro Devices RF6519 Datasheet HTML 3Page - RF Micro Devices RF6519 Datasheet HTML 4Page - RF Micro Devices RF6519 Datasheet HTML 5Page - RF Micro Devices RF6519 Datasheet HTML 6Page - RF Micro Devices RF6519 Datasheet HTML 7Page - RF Micro Devices RF6519 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5 of 8
RF6519
DS120611
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Pin Names and Descriptions
Pin
Name
Description
1GND
Ground I/O.
2
ISW_COM
Input Switch Common Port.
3
TXRX_SEL
Transmit Mode and Receive Mode Select.
4ANT_SEL
Antenna 1 and Antenna 2 Select.
5NC
No connect.
6PD_SEL
Module Power Down Select.
7LNA_SEL
LNA High Gain and Low Gain Select.
8GND
Corner ground I/O.
9
LNA_VCC
LNA Battery Bias.
10
LNA_IN
LNA Signal Input.
11
ASW_RX
Antenna Switch Receive Output.
12
NC
No connect.
13
NC
No connect.
14
GND
Ground I/O.
15
GND
Corner ground I/O.
16
ANT2
Antenna 2 Output/Input.
17
GND
Ground I/O.
18
ANT1
Antenna 1 Output/Input.
19
GND
Ground
20
VCC_DIG
Digital Reference Voltage.
21
GND
Ground
22
GND
Corner ground I/O.
23
PA VCC2
PA Battery Bias for Second Stage.
24
PA VCC1
PA Battery Bias for First Stage.
25
GND
Ground I/O.
26
NC
No connect.
27
PA_IN
Power Amplifier Signal Input Port.
28
ISW_TX
Input Switch Transmit Signal Output Port.
29
GND
Center Ground Flag.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com