Electronic Components Datasheet Search
  English  ▼

X  

RF6545SR Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF6545SR
Description  3.0V TO 3.6V, 2.4GHz FRONT END MODULE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6545SR Datasheet(HTML) 6 Page - RF Micro Devices

  RF6545SR Datasheet HTML 1Page - RF Micro Devices RF6545SR Datasheet HTML 2Page - RF Micro Devices RF6545SR Datasheet HTML 3Page - RF Micro Devices RF6545SR Datasheet HTML 4Page - RF Micro Devices RF6545SR Datasheet HTML 5Page - RF Micro Devices RF6545SR Datasheet HTML 6Page - RF Micro Devices RF6545SR Datasheet HTML 7Page - RF Micro Devices RF6545SR Datasheet HTML 8Page - RF Micro Devices RF6545SR Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6 of 9
RF6545
DS111110
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Evaluation Board Schematic
GND
C3
0.1uF
L2
3nH
GND
C2
1.0uF
L1
1.8nH
ANT2
6
GND
7
GND
9
ANT1
8
VCC2
10
GND
17
GND
16
RF_COM
18
TX_EN
20
GND
19
DF
21
U1
RF6545
GND
1
J1
RF_COM
GND
GND
VCC
VANT2
TX_EN
VANT1
RX_EN
1
J3
ANT1
GND
1
J2
ANT2
GND
1
2
3
4
5
6
P1
RX_EN
VANT2
VCC



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com