Electronic Components Datasheet Search
  English  ▼

X  

RF6549SQ Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF6549SQ
Description  2.7V to 4.4V, 915MHz Transmit/Receive Module; Thru Mode 400MHz to 928MHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6549SQ Datasheet(HTML) 3 Page - RF Micro Devices

  RF6549SQ Datasheet HTML 1Page - RF Micro Devices RF6549SQ Datasheet HTML 2Page - RF Micro Devices RF6549SQ Datasheet HTML 3Page - RF Micro Devices RF6549SQ Datasheet HTML 4Page - RF Micro Devices RF6549SQ Datasheet HTML 5Page - RF Micro Devices RF6549SQ Datasheet HTML 6Page - RF Micro Devices RF6549SQ Datasheet HTML 7Page - RF Micro Devices RF6549SQ Datasheet HTML 8Page - RF Micro Devices RF6549SQ Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3 of 10
RF6549
DS121212
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
PA Section (continued)
Input Return Loss
10
dB
Measured at PA-IN Port at Pin #30
PA Leakage Current
0.5
5
APA VCC = 5.0V, PD_SEL Logic = 0.0V
Noise Power at ANT1/2 – Electric Only At -
8MHz Offset from carrier
-132
dBm/Hz
PA VCC voltage of 4.2V and PO = +26.5dBm,
PA2 only zero noise contribution from PA1
LNA Section (LNA-IN Pin #14 to
RFIO 900 Pin #2)
HIGH GAIN Rx MODE
Pa VCC, VDIG = 4.2V CNTL1 = High or Low;
CNTL2, 3 and 4 = High; CNTL5 = Low; T = 25°C,
Unless otherwise noted.
Operating Voltage
2.7
4.2
4.4
V
LNA VCC
Gain at High Bias (HB)
15.0
17.0
dB
LNA VCC = 3.3V to 4.4V; LNA Bias = High Bias
Gain at HB
13
15
dB
LNA VCC = 2.7V; LNA Bias = High Bias
Noise Figure at HB
1.5
2.0
dB
LNA VCC = 3.3V to 4.4V; LNA Bias = High Bias
Noise Figure at HB
2
3
dB
LNA VCC = 2.7V; LNA Bias = High Bias
Input IP3 at HB
5
8
dBm
LNA VCC = 3.3V to 4.4V; LNA Bias = High Bias
Input IP3 at HB
2
5
dBm
LNA VCC = 2.7V; LNA Bias = High Bias
Input Return Loss
10
dB
Measured at LNA-IN Port at Pin #14
Output Return Loss
10
dB
Measured at RFIO 900 Pin #2
Power Supply Current
6
8
10
mA
Rx LNA BYPASS MODE
Pa VCC, VDIG = 4.2V CNTL1 = High or Low;
CNTL2 and 4 = High; CNTL3 and 5 = Low;
T = 25°C, Unless otherwise noted.
Operating Voltage
2.7
4.2
4.4
V
LNA VCC
Gain
-3.0
-2.5
-2.0
dB
Noise Figure
2.5
3.0
dB
Input IP3
12
18
dBm
Input Return Loss
10
dB
Output Return Loss
10
dB
Power Supply Current
3
4
mA
LNA Leakage Current
0.5
5
ALNA VCC = 4.2 , PD_SEL = LOW
RF Switch Section
Insertion Loss RFIO 900 to ISW-TX
0.4
0.5
dB
Pin #2 to Pin #32, TXRX_SEL = LOW
Insertion Loss RX-COM
0.4
0.5
dB
TXRX_SEL Logic = HIGH
Isolation RFIO 900 to ISW-TX
20
25
dB
Pin #2 to Pin #32, TXRX_SEL = HIGH
Isolation RX-COM
20
25
dB
TXRX_SEL Logic = LOW
Isolation TX-RX
20
25
dB
Tx or Rx State
ISW-COM Port Return Loss
12
15
dB
Measured at Pin #2, Tx or Rx State
ISW-TX Port Return Loss
12
15
dB
Measured at Pin #32, TXRX_SEL = LOW
Rx Return Loss
12
15
dB
TXRX_SEL Logic = HIGH



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com