Electronic Components Datasheet Search
  English  ▼

X  

RF6549SR Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF6549SR
Description  2.7V to 4.4V, 915MHz Transmit/Receive Module; Thru Mode 400MHz to 928MHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6549SR Datasheet(HTML) 2 Page - RF Micro Devices

  RF6549SR Datasheet HTML 1Page - RF Micro Devices RF6549SR Datasheet HTML 2Page - RF Micro Devices RF6549SR Datasheet HTML 3Page - RF Micro Devices RF6549SR Datasheet HTML 4Page - RF Micro Devices RF6549SR Datasheet HTML 5Page - RF Micro Devices RF6549SR Datasheet HTML 6Page - RF Micro Devices RF6549SR Datasheet HTML 7Page - RF Micro Devices RF6549SR Datasheet HTML 8Page - RF Micro Devices RF6549SR Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2 of 10
RF6549
DS121212
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Nominal Operating Parameters
Absolute Maximum Ratings
Parameter
Rating
Unit
Voltage
5.25
V
Storage Temperature Range
-40 to 150
°C
Operating Temperature Range
-40 to 85
°C
Maximum Input Power to PA, pin 30, 2
(no damage)
+3
dBm
Maximum Input Power to PA, pin 26
(no damage)
+23
dBm
Maximum Input Power to LNA, pin 19,22
(no damage)
+10
dBm
Thermal Resistance
52
°C/W
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Specifications are at nominal supply voltage,
control voltage, and temperature - Characteriza-
tion will be done over full voltage and tempera-
ture range specified
Frequency
868
902 to 928
MHz
Frequency
400
928
MHz
Thru Mode Only, Pin#4 to Pin#19,21
RF Port Impedance
50
ESD, Human Body Model
500
V
RF pins
ESD, Human Body Model
500
V
All other pins
ESD, Charge Device Model
500
V
RF pins
ESD, Charge Device Model
500
V
All other pins
Moisture Sensitivity Level
MSL3
PA Section
Transmit Mode
Pa VCC, VDIG = 4.2V CNTL1 = High or Low;
CNTL2, 3 and 5 = Low; CNTL4 = High; T = 25°C,
POUT = 26.5dBm. Unless otherwise noted.
Power Supply Operating Voltage - Electric
4
4.2
4.4
V
PA VCC
Power Supply Operating Voltage –
Gas/water
2.7
3.6
3.7
V
PA VCC
Input Power
0
2
dBm
Pin #30
CW Output Power – near saturation
27
27.5
dBm
Output Power - electric
26
26.5
dBm
VCC = 4.2V. POUT at ANT1/2
Output Power – gas/water
24.5
25
dBm
VCC = 3.6V. POUT at ANT1/2
Output Power Droop – gas/water
23
dBm
PA VCC = 2.7V, POUT at ANT1/2
Current - Electric
250
300
mA
PA VCC = 4.2V, POUT = +26.5dBm
Current –gas/water
210
250
mA
PA VCC = 3.6V and POUT = +25dBm
Droop Current –gas/water
175
250
mA
PA VCC = 2.7V, POUT at ANT1/2, POUT=23dBm
Large Signal Gain Overall
27.0
30.0
33.0
dB
PIN = 0dBm at Pin#30 to ANT1/2
Second Harmonic
-30
dBc
POUT=27dBm
Third – Tenth Harmonic
-67
dBc
POUT=27dBm
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
RFMD Green: RoHS compliant per EU Directive 2002/95/EC, halogen free
per IEC 61249-2-21, < 1000ppm each of antimony trioxide in polymeric
materials and red phosphorus as a flame retardant, and <2% antimony in
solder.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com