Electronic Components Datasheet Search
  English  ▼

X  

RF6555 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF6555
Description  2.0V TO 3.6V, 2.4GHz FRONT END MODULE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6555 Datasheet(HTML) 1 Page - RF Micro Devices

  RF6555 Datasheet HTML 1Page - RF Micro Devices RF6555 Datasheet HTML 2Page - RF Micro Devices RF6555 Datasheet HTML 3Page - RF Micro Devices RF6555 Datasheet HTML 4Page - RF Micro Devices RF6555 Datasheet HTML 5Page - RF Micro Devices RF6555 Datasheet HTML 6Page - RF Micro Devices RF6555 Datasheet HTML 7Page - RF Micro Devices RF6555 Datasheet HTML 8Page - RF Micro Devices RF6555 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Revision DS20150615
Disclaimer: Subject to change without notice
© 2015 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com
1 of 10
RFMD + TriQuint = Qorvo
RF6555
2.0V TO 3.6V, 2.4GHz FRONT END MODULE
The RF6555 integrates a complete solution in a single Front
End Module (FEM) for WiFi and ZigBee® applications in the
2.4GHz to 2.5GHz band. This FEM integrates the PA plus
harmonic filter in the transmit path. The RF6555 also has an
integrated LNA with bypass mode internally. The RF6555
provides a single balanced TDD access for Rx and Tx paths
along with two ports on the output for connecting a diversity
solution or a test port. The device is provided in a 5mm x 5mm
x 1mm, 24-pin laminate package.
Functional Block Diagram
Ordering Information
RF6555SB
Standard 5-piece sample bag
RF6555SQ
Standard 25-piece sample bag
RF6555SR
Standard 100-piece reel
RF6555TR13
Standard 2500-piece reel
RF6555PCK-410
Fully assembled eval board w/ 5-piece sample bag
Package: Laminate, 24-Pin,
5mm x 5mm x 1mm
Features
■ Tx Output Power = 18dBm
■ Integrated RF Front End Module
with Rx Balun, PA, Filter, LNA with
Bypass Mode, and DP2T Switch
■ Single Bidirectional Differential
Transceiver Interface.
■ Voltage Range = 2.0V to 3.6V
Applications
■ ZigBee® 802.15.4 Based Systems
for Remote Monitoring and Control
■
Set-top Boxes
■ AA Battery Operation
■ 2.4GHz ISM Band Applications
■ Smart Meters for Energy
Management
RF6555


Similar Part No. - RF6555

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RF6555 QORVO-RF6555 Datasheet
727Kb / 10P
2.0V TO 3.6V, 2.4GHz FRONT END MODULE
RF6555PCK-410 QORVO-RF6555PCK-410 Datasheet
727Kb / 10P
2.0V TO 3.6V, 2.4GHz FRONT END MODULE
RF6555SB QORVO-RF6555SB Datasheet
727Kb / 10P
2.0V TO 3.6V, 2.4GHz FRONT END MODULE
RF6555SQ QORVO-RF6555SQ Datasheet
727Kb / 10P
2.0V TO 3.6V, 2.4GHz FRONT END MODULE
RF6555SR QORVO-RF6555SR Datasheet
727Kb / 10P
2.0V TO 3.6V, 2.4GHz FRONT END MODULE
More results

Similar Description - RF6555

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF6525 RFMD-RF6525 Datasheet
1Mb / 11P
3.0V TO 4.2V, 2.4GHz FRONT END MODULE
RF6535 RFMD-RF6535 Datasheet
1,001Kb / 8P
3.0V to 4.2V, 2.4GHz Front End Module
RF6545 RFMD-RF6545 Datasheet
1Mb / 9P
3.0V TO 3.6V, 2.4GHz FRONT END MODULE
RF6575 RFMD-RF6575 Datasheet
837Kb / 9P
3.0V TO 3.6V, 2.4GHz FRONT END MODULE
RFFM6201 RFMD-RFFM6201 Datasheet
786Kb / 9P
2.0V TO 3.6V, 2.4GHZ FRONT END MODULE
RFFM6204 RFMD-RFFM6204 Datasheet
303Kb / 9P
2.0V to 4.0V, 2.4GHz Front End Module
RFFM6205 RFMD-RFFM6205 Datasheet
296Kb / 8P
2.0V to 4.0V, 2.4GHz Front End Module
logo
Qorvo, Inc
RFFM6205 QORVO-RFFM6205 Datasheet
353Kb / 8P
2.0V to 4.0V, 2.4GHz Front End Module
RFFM6204 QORVO-RFFM6204 Datasheet
571Kb / 9P
2.0V to 4.0V, 2.4GHz Front End Module
RF6555 QORVO-RF6555 Datasheet
727Kb / 10P
2.0V TO 3.6V, 2.4GHz FRONT END MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com