Electronic Components Datasheet Search
  English  ▼

X  

RF6559SB Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF6559SB
Description  4.0V TO 4.5V, 915MHZ ISM BAND TRANSMIT/RECEIVE MODULE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6559SB Datasheet(HTML) 4 Page - RF Micro Devices

  RF6559SB Datasheet HTML 1Page - RF Micro Devices RF6559SB Datasheet HTML 2Page - RF Micro Devices RF6559SB Datasheet HTML 3Page - RF Micro Devices RF6559SB Datasheet HTML 4Page - RF Micro Devices RF6559SB Datasheet HTML 5Page - RF Micro Devices RF6559SB Datasheet HTML 6Page - RF Micro Devices RF6559SB Datasheet HTML 7Page - RF Micro Devices RF6559SB Datasheet HTML 8Page - RF Micro Devices RF6559SB Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4 of 10
RF6559
DS120611
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Pin Out
1
2
3
4
5
6
7
8
9
10
17
11
12
13
14
15
16
28
27
RXC
GND
RFI/O
GND
GND
PDET
26
18
19
20
21
23
24
25
ANT
VCCD
GND
TXEN
RXEN
GND
GND
GND
22
GND
TXC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com