Electronic Components Datasheet Search
  English  ▼

X  

RF6599 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF6599
Description  915MHz Transmit/Receive Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6599 Datasheet(HTML) 3 Page - RF Micro Devices

  RF6599 Datasheet HTML 1Page - RF Micro Devices RF6599 Datasheet HTML 2Page - RF Micro Devices RF6599 Datasheet HTML 3Page - RF Micro Devices RF6599 Datasheet HTML 4Page - RF Micro Devices RF6599 Datasheet HTML 5Page - RF Micro Devices RF6599 Datasheet HTML 6Page - RF Micro Devices RF6599 Datasheet HTML 7Page - RF Micro Devices RF6599 Datasheet HTML 8Page - RF Micro Devices RF6599 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140130
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
3 of 9
RF6599
Parameter
Specification
Unit
Condition
Min
Typ
Max
Rx Path
VCC = 3.6V, TXRX_SEL = Low, ANT_SEL = High or Low,
VREG = High
Frequency Range
902
915
928
MHz
Insertion Loss
1
1.3
dB
Input IP3
12
18
dBm
Input Return Loss
10
dB
Output Return Loss
10
dB
Current
ANT1
80
mA
ANT_SEL = High, VREG = Low, TXRX_Sel = Low
Power Down Mode, ANT2
1.2
mA
ANT_SEL = Low, VREG = Low, TXRX_Sel = Low
Antenna Switch and Logic
Isolation
20
dB
Any used port to any unused port
Logic Voltage High
3.1
3.4
3.8
V
All Logic I/O’s, VCC to 0.2V
Logic Voltage Low
0
0.2
V
All Logic I/O’s
Logic Current, High
85
120
mA
All Logic I/O’s
Module Logic Truth Table
Operating Mode
ANT_SEL
TXRX_SEL
TX - ANT1
HIGH
HIGH
TX - ANT2
LOW
HIGH
RX - ANT1
HIGH
LOW
RX - ANT2
LOW
LOW



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com