Electronic Components Datasheet Search
  English  ▼

X  

RF6935 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF6935
Description  3.3V TO 4.0V,915MHz Transmit/Receive Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6935 Datasheet(HTML) 3 Page - RF Micro Devices

  RF6935 Datasheet HTML 1Page - RF Micro Devices RF6935 Datasheet HTML 2Page - RF Micro Devices RF6935 Datasheet HTML 3Page - RF Micro Devices RF6935 Datasheet HTML 4Page - RF Micro Devices RF6935 Datasheet HTML 5Page - RF Micro Devices RF6935 Datasheet HTML 6Page - RF Micro Devices RF6935 Datasheet HTML 7Page - RF Micro Devices RF6935 Datasheet HTML 8Page - RF Micro Devices RF6935 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3 of 9
RF6539
DS130110
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Rx Path
VCC = 3.6V, TXRX_SEL = LOW, ANT_SEL = HIGH
or LOW, VREG = LOW
Frequency Range
868
902 to 928
MHz
Insertion Loss
1
1.3
dB
Input IP3
12
18
dBm
Input Return Loss
10
dB
Output Return Loss
10
dB
Current
ANT1
50
A
ANT_SEL = HIGH, VREG = Low, TXRX_Sel = Low
Power Down Mode, ANT2
1.7
A
ANT_SEL = LOW, VREG = Low, TXRX_Sel = Low
Antenna Switch and Logic
Isolation
20
dB
Any used port to any unused port
Logic Voltage High
3.1
3.4
3.8
V
All Logic I/O’s, VCC - 0.2V
Logic Voltage Low
0
0.2
V
All Logic I/O’s
Logic Current, High
85
120
AAll Logic I/O’s
Operating Mode
Module Logic Truth Table
ANT_SEL
TxRx_SEL
Tx - ANT1
HIGH
HIGH
Tx - ANT2
LOW
HIGH
Rx - ANT1
HIGH
LOW
Rx - ANT2
LOW
LOW
NOTE:
*Switch Control Logic High = Min 3.1V to Max 3.8V
*Switch Control Logic Low = Min 0.0V to Max 0.2V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com