Electronic Components Datasheet Search
  English  ▼

X  

RF7321DS Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF7321DS
Description  3V LTE Band 11, 21 Linear PA Module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF7321DS Datasheet(HTML) 1 Page - RF Micro Devices

  RF7321DS Datasheet HTML 1Page - RF Micro Devices RF7321DS Datasheet HTML 2Page - RF Micro Devices RF7321DS Datasheet HTML 3Page - RF Micro Devices RF7321DS Datasheet HTML 4Page - RF Micro Devices RF7321DS Datasheet HTML 5Page - RF Micro Devices RF7321DS Datasheet HTML 6Page - RF Micro Devices RF7321DS Datasheet HTML 7Page - RF Micro Devices RF7321DS Datasheet HTML 8Page - RF Micro Devices RF7321DS Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1 of 10
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
RF MEMS
LDMOS
RF7321
3V LTE Band 11, 21 Linear PA Module
The RF7321 is a high-power, high-efficiency linear power amplifier
designed for use as final amplification stage in a 3V, 50 ohm LTE mobile
cellular equipment. This PA is developed for the E-UTRAN\LTE Bands 11
and 21 for which operates in the 1427.9MHz to 1462.9MHz frequency
band. The PA is specifically developed for 5MHz to 20MHz channel band-
widths used for the Band 11 or 21 operation on the LTE network. The
RF7321 has two digital control pins to select one of three power bias
states to optimize performance and current drain at lower power levels.
The part also has an integrated directional coupler which eliminates the
need for an external discrete coupler at the output. The RF7321 is fully
LTE compliant and is assembled in a 10-pin, 3mm x 3mm module.
Features
Fully Compliant to LTE
Modulation
LTE Bands 11, 21
Best-in-Class Efficiency 47%,
+28.5dBm Rel 99 output
power
High Power Gain : 28dB
E-UTRA ACLR : -38dBc
UTRA ACLR : -39dBc
All LTE Channel Bandwidths
(5 MHz up to 20 MHz)
Optimized use with DC-DC
converter Operation
Three Power States with
Digital Control Interface
Integrated Power Coupler
Integrated Blocking and
Decoupling Capacitors
Applications
LTE Handsets
LTE Datacards
RF7321
3V LTE Band 11, 21 Linear PA Module
RF7321PCBA-410
Fully Assembled Evaluation Board
DS120906
Package Style: Module, 10-Pin, 3mm x 3mm x 0.8mm


Similar Part No. - RF7321DS

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RF7321DS QORVO-RF7321DS Datasheet
671Kb / 10P
3V LTE Band 11, 21 Linear PA Module
More results

Similar Description - RF7321DS

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF7303 RFMD-RF7303 Datasheet
205Kb / 2P
3V LTE/UMTS/CDMA BAND 3 LINEAR PA MODULE
RF7317A RFMD-RF7317A Datasheet
205Kb / 2P
3V LTE BAND 17 LINEAR PA MODULE
RF7320 RFMD-RF7320 Datasheet
199Kb / 2P
3V LTE Band 20 Linear PA Module
RF7413 RFMD-RF7413 Datasheet
573Kb / 7P
3V WCDMA BAND 3 LINEAR PA MODULE
logo
Skyworks Solutions Inc.
SKY77771 SKYWORKS-SKY77771 Datasheet
73Kb / 2P
Power Amplifier Module for LTE Band 11/21
logo
Qorvo, Inc
RF7321DS QORVO-RF7321DS Datasheet
671Kb / 10P
3V LTE Band 11, 21 Linear PA Module
RF7321 QORVO-RF7321 Datasheet
671Kb / 10P
3V LTE Band 11, 21 Linear PA Module
RF7320 QORVO-RF7320 Datasheet
199Kb / 2P
3V LTE Band 20 Linear PA Module
RF7317A QORVO-RF7317A Datasheet
205Kb / 2P
3V LTE BAND 17 LINEAR PA MODULE
RF7303 QORVO-RF7303 Datasheet
205Kb / 2P
3V LTE/UMTS/CDMA BAND 3 LINEAR PA MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com