Electronic Components Datasheet Search
  English  ▼

X  

RFDA0047TR7 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFDA0047TR7
Description  DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 400MHZ TO 2700MHZ
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFDA0047TR7 Datasheet(HTML) 2 Page - RF Micro Devices

  RFDA0047TR7 Datasheet HTML 1Page - RF Micro Devices RFDA0047TR7 Datasheet HTML 2Page - RF Micro Devices RFDA0047TR7 Datasheet HTML 3Page - RF Micro Devices RFDA0047TR7 Datasheet HTML 4Page - RF Micro Devices RFDA0047TR7 Datasheet HTML 5Page - RF Micro Devices RFDA0047TR7 Datasheet HTML 6Page - RF Micro Devices RFDA0047TR7 Datasheet HTML 7Page - RF Micro Devices RFDA0047TR7 Datasheet HTML 8Page - RF Micro Devices RFDA0047TR7 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2 of 11
RFDA0047
DS140513
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
+5.5
VDC
DS Supply Current
205
mA
Power Dissipation
1100
mW
Maximum Input RF Power
24
dBm
Operating Temperature (TCASE)
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Junction Temperature
165
°C
ESD Rating (HBM)
1000 (Class 1C)
V
Moisture Sensitivity Level
MSL 3
MTTF = 1.0E6 hours at 165°C junction temperature
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
Temp=25°C, VCC = VDD = 5V, standard application circuit
Frequency
400
2700
MHz
Max Gain
13
dB
Attenuation = 0dB
Gain Control Range
31.5
dB
Step Accuracy
+/- (0.15+5% attenuation setting)
dB
Major state error up to 2700MHz
P1dB
19
dBm
Attenuation = 0dB at 900MHz
Output IP3
39
dBm
POUT =0dBm/tone, 1MHz spacing at 900MHz
Control Interface
12
bit
SPI interface
Settling Time
250
ns
tON, tOFF (10%/90% RF)
Noise Figure
7
dB
Attenuation = 0dB
Channel-to-Channel Isolation
50
dB
Input at RFIN1 (or RFIN2), the isolation between two
outputs
Impedance
50
Input Return Loss
-18
dB
900MHz
Output Return Loss
-18
dB
900MHz
Total Supply Voltage
4.75
5.0
5.25
V
Supply Current
170
mA
From VCC_SPI, VCC_AMP1 and VCC_AMP2
Thermal Resistance
40
°C/W
Junction to backside of device
Parameter
Unit
680MHz
900MHz
1700MHz 2300MHz 2550MHz 2700MHz
Max Small Signal Gain
dB
13.5
13.5
13.3
13
13
13
Output P1dB
dBm
19
19
19
18
18
17.5
Output IP3*
dBm
40
39.5
35
32.5
31.5
31
Noise Figure
dB
6.5
6.5
7
7.5
7.5
7.5
* Note: OIP3 is tested at POUT = 0dBm/Tone and 1MHz spacing



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com