Electronic Components Datasheet Search
  English  ▼

X  

RFDA0056 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RFDA0056
Description  Digital Controlled Variable Gain Amplifier 300MHz to 1100MHz, 6-Bit 0.5dB LSB Control
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFDA0056 Datasheet(HTML) 5 Page - RF Micro Devices

  RFDA0056 Datasheet HTML 1Page - RF Micro Devices RFDA0056 Datasheet HTML 2Page - RF Micro Devices RFDA0056 Datasheet HTML 3Page - RF Micro Devices RFDA0056 Datasheet HTML 4Page - RF Micro Devices RFDA0056 Datasheet HTML 5Page - RF Micro Devices RFDA0056 Datasheet HTML 6Page - RF Micro Devices RFDA0056 Datasheet HTML 7Page - RF Micro Devices RFDA0056 Datasheet HTML 8Page - RF Micro Devices RFDA0056 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5 of 10
RFDA0056
DS120926
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Truth Table
Serial Port Interface:
SPI Timing Diagram
SPI Timing Diagram Specifications
Control Bit
Gain Relative to Max Gain
D5
D4
D3
D2
D1
D0
111
111
0dB
111
110
-0.5dB
111
101
-1dB
111
011
-2dB
110
111
-4dB
101
111
-8dB
011
111
-16dB
000
000
-31.5dB
Parameter
Limit
Unit
Comment
t1
25
MHz max
CLK Frequency
t2
20
ns min
CLK High
t3
20
ns min
CLK Low
t4
5
ns min
DATA to CLK Setup Time
t5
5
ns min
DATA to CLK Hold Time
t6
30
ns min
DATA Valid
t7
5
ns min
LE to CLK Setup Time
t8
5
ns min
CLK to LE Setup Time
t9
10
ns min
LE Pulse Width
t10
20
ns max
Output Set
CLK
DATA
t6
LE
t1
t2
t3
t4
t5
t7
t8
DOUT
t9
t10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com