Electronic Components Datasheet Search
  English  ▼

X  

RFDA2025 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RFDA2025
Description  DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFDA2025 Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RFDA2025 Datasheet HTML 2Page - RF Micro Devices RFDA2025 Datasheet HTML 3Page - RF Micro Devices RFDA2025 Datasheet HTML 4Page - RF Micro Devices RFDA2025 Datasheet HTML 5Page - RF Micro Devices RFDA2025 Datasheet HTML 6Page - RF Micro Devices RFDA2025 Datasheet HTML 7Page - RF Micro Devices RFDA2025 Datasheet HTML 8Page - RF Micro Devices RFDA2025 Datasheet HTML 9Page - RF Micro Devices RFDA2025 Datasheet HTML 10Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6 of 11
RFDA2025
DS101117
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Typical Performance - 1.8GHz to 2.2GHz Application Circuit Performance
Truth Table
DSA Control Bits
Relative Gain Setting
D5
16dB
D4
8dB
D3
4dB
D2
2dB
D1
1dB
D0
0.5dB
111111
Max Gain
111110
-0.5dB
111101
-1dB
111011
-2dB
110111
-4dB
101111
-8dB
011111
-16dB
000000
-31.5dB
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.0
1.8
1.9
2.0
2.1
2.2
Noise
Figure
(dB)
Frequency (GHz)
Noise Figureover Temperature, MaxGain
+25C
+85C
70
80
90
100
110
120
130
140
150
4.5
4.6
4.7
4.8
4.9
5.0
5.1
5.2
5.3
5.4
5.5
ICC(mA)
VCC (V)
DCIV over Temperature,Max Gain
+25C
-40C
+85C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com