Electronic Components Datasheet Search
  English  ▼

X  

C106M1 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # C106M1
Description  SILICON CONTROLLED RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

C106M1 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  C106M1 Datasheet HTML 1Page - Central Semiconductor Corp C106M1 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
C106A1
C106D1
C106B1
C106E1
C106C1
C106M1
SILICON CONTROLLED RECTIFIER
4 AMP, 100 THRU 600 VOLTS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR C106A1 series
are PNPN silicon controlled rectifiers designed for
applications such as temperature, light, speed control,
process and remote control, and warning systems
where reliability of operation is important.
MARKING: FULL PART NUMBER
MAXIMUM RATINGS: (TC=25°C unless otherwise noted)
C106
C106
C106
C106
C106
C106
SYMBOL
A1
B1
C1
D1
E1
M1
UNITS
Peak Repetitive Off-State Voltage
VDRM, VRRM
100
200
300
400
500
600
V
RMS On-State Current
IT(RMS)
4.0
A
Peak One Cycle Surge (60Hz)
ITSM
20
A
I2t Value for Fusing (t>1.5ms)
I2t
0.5
A2s
Peak Gate Power
PGM
0.5
W
Average Gate Power
PG(AV)
0.1
W
Peak Forward Gate Current
IGFM
0.2
A
Peak Reverse Gate Voltage
VGRM
6.0
V
Storage Temperature
Tstg
-40 to +150
°C
Junction Temperature
TJ
-40 to +110
°C
Thermal Resistance
ΘJC
3.0
°C/W
Thermal Resistance
ΘJA
75
°C/W
ELECTRICAL CHARACTERISTICS: (TC=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
IDRM, IRRM Rated VDRM, VRRM, RGK=1.0KΩ
10
μA
IDRM, IRRM Rated VDRM, VRRM, RGK=1.0KΩ, TC=110°C
100
μA
VTM
IFM=4.0A
2.2
V
IGT
VAK=6.0V, RL=100Ω, RGK=1.0KΩ
200
μA
IGT
VAK=6.0V, RL=100Ω, RGK=1.0KΩ, TC=-40°C
500
μA
VGT
VAK=6.0V, RL=100Ω, RGK=1.0KΩ
0.4
0.8
V
VGT
VAK=6.0V, RL=100Ω, RGK=1.0KΩ, TC=-40°C
0.5
1.0
V
VGT
VAK=Rated VDRM, RL=3.0KΩ, RGK=1.0KΩ, TC=110°C 0.2
V
IHX
VD=12V, RGK=1.0KΩ
0.3
3.0
mA
IHX
VD=12V, RGK=1.0KΩ, TC=-40°C
0.4
6.0
mA
IHX
VD=12V, RGK=1.0KΩ, TC=110°C
0.14
2.0
mA
ILX
VD=12V, RGK=1.0KΩ
0.3
4.0
mA
ILX
VD=12V, RGK=1.0KΩ, TC=-40°C
0.4
8.0
mA
dv/dt
VD=Rated VDRM, RGK=1.0KΩ, TC=110°C
8.0
V/μs
tgt (turn-on time)
1.2
μs
tq (turn-off time)
40
μs
TO-202 CASE
R1 (23-January 2012)
www.centr a lsemi.com


Similar Part No. - C106M1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
C106M1 ONSEMI-C106M1 Datasheet
62Kb / 6P
Sensitive Gate Silicon Controlled Rectifiers
August, 2005 ??Rev. 8
logo
Central Semiconductor C...
C106M1 CENTRAL-C106M1 Datasheet
58Kb / 1P
SCRs
logo
New Jersey Semi-Conduct...
C106M1 NJSEMI-C106M1 Datasheet
111Kb / 2P
The Type C106 Silicon Controlled Rectifier
logo
ON Semiconductor
C106M1G ONSEMI-C106M1G Datasheet
62Kb / 6P
Sensitive Gate Silicon Controlled Rectifiers
August, 2005 ??Rev. 8
logo
Inchange Semiconductor ...
C106M1G ISC-C106M1G Datasheet
257Kb / 2P
iscThyristors
More results

Similar Description - C106M1

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CZS5064 CENTRAL-CZS5064 Datasheet
94Kb / 2P
SILICON CONTROLLED RECTIFIER
CS18B CENTRAL-CS18B Datasheet
76Kb / 2P
SILICON CONTROLLED RECTIFIER
logo
SemiHow Co.,Ltd.
MCK100-8 SEMIHOW-MCK100-8 Datasheet
384Kb / 5P
Silicon Controlled Rectifier
logo
Digitron Semiconductors
MCR3935 DIGITRON-MCR3935 Datasheet
153Kb / 3P
SILICON CONTROLLED RECTIFIER
MCR3818 DIGITRON-MCR3818 Datasheet
272Kb / 6P
SILICON CONTROLLED RECTIFIER
MCR1718 DIGITRON-MCR1718 Datasheet
118Kb / 2P
SILICON CONTROLLED RECTIFIER
BRY55 DIGITRON-BRY55 Datasheet
177Kb / 2P
SILICON CONTROLLED RECTIFIER
2N877 DIGITRON-2N877 Datasheet
372Kb / 5P
SILICON CONTROLLED RECTIFIER
logo
New Jersey Semi-Conduct...
C137E NJSEMI-C137E Datasheet
182Kb / 3P
Silicon Controlled Rectifier
C203 NJSEMI-C203 Datasheet
89Kb / 2P
Silicon Controlled Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com