Electronic Components Datasheet Search
  English  ▼

X  

RFDA2125SR Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFDA2125SR
Description  Digital Controlled Variable Gain Amplifier 400MHz to 2700MHz, 6-Bit 0.5dB LSB Control
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFDA2125SR Datasheet(HTML) 2 Page - RF Micro Devices

  RFDA2125SR Datasheet HTML 1Page - RF Micro Devices RFDA2125SR Datasheet HTML 2Page - RF Micro Devices RFDA2125SR Datasheet HTML 3Page - RF Micro Devices RFDA2125SR Datasheet HTML 4Page - RF Micro Devices RFDA2125SR Datasheet HTML 5Page - RF Micro Devices RFDA2125SR Datasheet HTML 6Page - RF Micro Devices RFDA2125SR Datasheet HTML 7Page - RF Micro Devices RFDA2125SR Datasheet HTML 8Page - RF Micro Devices RFDA2125SR Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
RFDA2125
rfmd.com
2 of 26
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
DS130326
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
+5.5
VDC
DC Supply Current
300
mA
Power Dissipation
1.6
W
Max RF Input Power for 50Ω Output
Load
24
dBm
Operating Temperature (TCASE)
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Junction Temperature
160
°C
ESD Rating (HBM)
1000 (Class 1C)
V
Moisture Sensitivity Level
MSL3
Note: Operation of this device beyond any one of these limits may cause
permanent damage. MTTF = 1E6 hours at 160°C junction temperature.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
Temperature=25°C, VCC= 5V, standard
application circuit
Gain Control Range
31.5
dB
Control Interface
6
bit
SPI interface
Setting Time
250
ns
TON, TOFF (10%/90% RF)
Impedance
50
Ω
Total Supply Voltage
4.75
5.0
5.25
V
Total Supply Current
180
mA
Thermal Resistance
60.8
°C/W
Junction to backside of device
Step Accuracy
+/- (0.2+5% attenuation setting)
dB
728MHz to 746MHz
Temperature=25°C, VCC= 5V, standard
application circuit
Max Gain
37
dB
P1dB
26
dBm
Max gain
Output IP3
44
dBm
POUT=10dBm/tone, 1 MHz spacing, Max gain
ACPR
-67
dBc
WCDMA TM1 64DPCH 1C, Output power =
13dBm
Gain Flatness
0.1
dB
Noise Figure
3.9
dB
Max gain
Input Return Loss
15
dB
Output Return Loss
11
dB
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical performance
or functional operation of the device under Absolute Maximum Rating conditions is not
implied.
RoHS status based on EUDirective2002/95/EC (at time of this document revision).
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No license is
granted by implication or otherwise under any patent or patent rights of RFMD. RFMD
reserves the right to change component circuitry, recommended application circuitry and
specifications at any time without prior notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com