Electronic Components Datasheet Search
  English  ▼

X  

CMPESD24CA Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMPESD24CA
Description  SURFACE MOUNT SILICON DUAL, BI-DIRECTIONAL ESD PROTECTION DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPESD24CA Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMPESD24CA Datasheet HTML 1Page - Central Semiconductor Corp CMPESD24CA Datasheet HTML 2Page - Central Semiconductor Corp CMPESD24CA Datasheet HTML 3Page - Central Semiconductor Corp CMPESD24CA Datasheet HTML 4Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CMPESD24CA
SURFACE MOUNT SILICON
DUAL, BI-DIRECTIONAL
ESD PROTECTION DIODE
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMPESD24CA is
a low capacitance, dual, bi-directional ESD protection
diode. This device is designed to protect two data lines
against ESD damage.
MARKING CODE: 24CA
FEATURES:
• Dual data line protection
• Low capacitance
• Low leakage current
APPLICATIONS:
• Data line protection
• User interface protection
• Charging/power port protection
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Peak Power Dissipation (8x20μs)
PPK
210
W
ESD Voltage (IEC 61000-4-2, Air)
VESD
20
kV
ESD Voltage (IEC 61000-4-2, Contact)
VESD
20
kV
Operating Junction Temperature
TJ
-55 to +125
°C
Storage Temperature
Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS: (TA=25°C)
Maximum
Reverse
Stand-off
Voltage
VRWM
Breakdown
Voltage
VBR @ IT
Test
Current
IT
Maximum
Reverse
Leakage
Current
IR @ VRWM
Maximum
Clamping
Voltage
VC @ IPP
Peak
Pulse
Current
IPP
Typical
Junction
Capacitance
@ 0V Bias
CJ
V
MIN
V
MAX
V
mA
nA
V
A
pF
24
25.4
30.3
5.0
50
70
3.0
9.0
SOT-23 CASE
R3 (6-April 2015)
www.centr a lsemi.com


Similar Part No. - CMPESD24CA

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPESD24CA CENTRAL-CMPESD24CA Datasheet
824Kb / 3P
SURFACE MOUNT SILICON DUAL, BI-DIRECTIONAL ESD PROTECTION DIODE
More results

Similar Description - CMPESD24CA

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJSD03LCFN2 PANJIT-PJSD03LCFN2 Datasheet
64Kb / 3P
BI-DIRECTIONAL ESD PROTECTION DIODE
PJSD05LCFN2 PANJIT-PJSD05LCFN2 Datasheet
117Kb / 3P
BI-DIRECTIONAL ESD PROTECTION DIODE
logo
Taiwan Semiconductor Co...
TESDD5V0HC TSC-TESDD5V0HC Datasheet
275Kb / 3P
Bi-directional ESD Protection Diode
logo
Central Semiconductor C...
CMPESD24CA CENTRAL-CMPESD24CA Datasheet
824Kb / 3P
SURFACE MOUNT SILICON DUAL, BI-DIRECTIONAL ESD PROTECTION DIODE
logo
Taiwan Semiconductor Co...
TESDC5V0 TSC-TESDC5V0_15 Datasheet
202Kb / 4P
Bi-directional ESD Protection Diode
TESDC5V0LC TSC-TESDC5V0LC_15 Datasheet
207Kb / 4P
Bi-directional ESD Protection Diode
TESDF5V0A TSC-TESDF5V0A_15 Datasheet
267Kb / 5P
Bi-directional ESD Protection Diode
TESDL5V0 TSC-TESDL5V0_15 Datasheet
206Kb / 5P
Bi-directional ESD Protection Diode
logo
Pan Jit International I...
PJSD03LCTM PANJIT-PJSD03LCTM Datasheet
258Kb / 5P
BI-DIRECTIONAL ESD PROTECTION DIODE
logo
First Silicon Co., Ltd
FTV05CBDFN1006 FS-FTV05CBDFN1006 Datasheet
318Kb / 3P
Bi-directional ESD Protection Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com