Electronic Components Datasheet Search
  English  ▼

X  

RFDA4005SQ Datasheet(PDF) 9 Page - RF Micro Devices

Part # RFDA4005SQ
Description  6-Bit, Digital Controlled Variable Gain Amplifier 50MHz to 4000MHz
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFDA4005SQ Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RFDA4005SQ Datasheet HTML 5Page - RF Micro Devices RFDA4005SQ Datasheet HTML 6Page - RF Micro Devices RFDA4005SQ Datasheet HTML 7Page - RF Micro Devices RFDA4005SQ Datasheet HTML 8Page - RF Micro Devices RFDA4005SQ Datasheet HTML 9Page - RF Micro Devices RFDA4005SQ Datasheet HTML 10Page - RF Micro Devices RFDA4005SQ Datasheet HTML 11Page - RF Micro Devices RFDA4005SQ Datasheet HTML 12Page - RF Micro Devices RFDA4005SQ Datasheet HTML 13Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140902
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
9 of 15
RFDA4005
Evaluation Board Bill of Materials (BOM) 50MHz to 4000MHz Application Circuit
Description
Reference Designator
Manufacturer
Manufacturer's P/N
RDA1005L with USB Evaluation Board
PCB Itself
Dynamic Details (DDI) Toronto
RDA1005L410(C)
50MHz to 4000MHz, G=18dB, P1=19dBm,
6-BIT, DVGA
U1
RFMD
RFDA4005SB
CAP, 1000pF, 10%, 50V, X7R, 0402
C2, C9-C10
Murata Electronics
GRM155R71H102KA01E
CAP, 1µF, 10%, 16V, X7R, 0805
C4, C14
Murata Electronics
GRM21BR71C104KA01K
CAP, 1000pF, 10%, 50V, X7R, 0603
C5, C13
Murata Electronics
GRM188R71H102KA01D
CAP, 100pF, 5%, 50V, C0G, 0402
C1, C3, C6-C8, C12
Murata Electronics
GRM1555C1H101JD01D
IND, 68nH, 5%, W/W, 1008
L1
Coilcraft
1008CS-680XJLC
RES, 1K, 1%, 1/16W, 0402
R1
Panasonic Industrial
ERJ-2RKF1001
RES ARRAY, 4-ELEM, 1K, 5%, SMD 4 x
0402
RP2
KOA
CN1E4KTTD102J
CONN, SMA, END LNCH, FLT, 0.062”
J1-J4
Emerson Network Power
142-0701-821
CONN, HDR, ST, PLRZD, 14-
PIN, 0.100”
P1
ITW Pancon
MPSS100-14-C
CONN, HDR, ST, PLRZD, 2-
PIN, 0.100”
P2
ITW Pancon
MPSS100-2-C
CONN, SKT, 24-
PIN DIP, 0.600”, T/H
P3
Aries Electronics Inc.
24-6518-10
MOD, USB TO SERIAL UART, SSOP-28
M1
Future Technology Devices Int’l
UM232R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com