Electronic Components Datasheet Search
  English  ▼

X  

ESMD-C2 Datasheet(PDF) 1 Page - Tyco Electronics

Part # ESMD-C2
Description  E-Series Surface Mount Mixer 20 - 1500 MHz
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ESMD-C2 Datasheet(HTML) 1 Page - Tyco Electronics

  ESMD-C2 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E-Series Surface Mount Mixer
20 - 1500 MHz
ESMD-C2
M/A-COM, Inc.
North America:
Tel. (800) 366-2266
s
Asia/Pacific: Tel. +81 (03) 3226-1671
s
Europe: Tel. +44 (1344) 869 595
Fax (800) 618-8883
Fax +81 (03) 3226-1451
Fax +44 (1344) 300 020
1
Specifications Subject to Change Without Notice.
V3.00
Features
LO Power: +7 dBm
Up to +1 dBm RF
Surface Mount
Specifications @ 25°C
Frequency Range
RF
20 - 1500 MHz
LO
20 - 1500 MHz
IF
DC - 1500 MHz
Conversion Loss (dB)
Typical
Maximum
40 - 750 MHz
7.0
8.5
20 - 1500 MHz
8.5
9.0
Isolation (dB)
Typical
Minimum
LO to RF
20 - 200 MHz
50
35
200 - 750 MHz
35
25
750 - 1500 MHz
20
10
LO to IF
20 - 200 MHz
40
25
200 - 750 MHz
25
18
750 - 1500 MHz
15
8
Operating Characteristics
Impedance
50 Ohms Nominal
RF input for 1dB Compression
+ 1 dBm
DC Polarity
Positive
Ordering Information
Part No.
Packaging
ESMD-C2
SM-2 in Tubes
ESMD-C2TR
SM-2 in Tape & Reel
Absolute Maximum Ratings
SM-2
q
q
q
S 0330 C, S 0754 B
Dimensions in ( ) are in mm.
Unless Otherwise Noted: .x = ±0.04 (1.00)
.xx = ±0.02 (0.50)
.xxx = ±0.010 (0.250)
Pin Configuration
Parameter
Absolute Maximum
RF Power
50 mW
Peak IF Current
40 mA
Storage Temperature
-55°C to 100°C
Operating Temperature
-55°C to 100°C
Pin Temperature (10 Seconds)
260°C
Function
Pin No.
LO
2
RF
1
IF
3
Ground
4,5


Similar Part No. - ESMD-C2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ESMD-C21 MACOM-ESMD-C21 Datasheet
57Kb / 1P
E-Series Surface Mount Mixer 1710 - 1880 MHz
ESMD-C21TR MACOM-ESMD-C21TR Datasheet
57Kb / 1P
E-Series Surface Mount Mixer 1710 - 1880 MHz
ESMD-C2HX2 MACOM-ESMD-C2HX2 Datasheet
82Kb / 2P
E - Series Surface Mount Mixer 890 - 915 MHz
More results

Similar Description - ESMD-C2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ELCM-5 MACOM-ELCM-5 Datasheet
203Kb / 2P
E-Series Surface Mount Mixer 5 - 1500 MHz
EMRS-1L MACOM-EMRS-1L Datasheet
131Kb / 2P
E-Series Surface Mount Mixer 0.5.500 MHz
EMRS-5 MACOM-EMRS-5 Datasheet
88Kb / 1P
5 - 1500 MHz E-Series Surface Mount Mixer
EMRS-5LH MACOM-EMRS-5LH Datasheet
55Kb / 1P
E-Series Surface Mount Mixer 5 - 1500 MHz
EMRS-5MH MACOM-EMRS-5MH Datasheet
60Kb / 1P
E-Series Surface Mount Mixer 5 - 1500 MHz
ESMD-C3 MACOM-ESMD-C3 Datasheet
63Kb / 1P
E-Series Surface Mount Mixer 20 - 2500 MHz
MAMX-007247-MRS5MH MACOM-MAMX-007247-MRS5MH Datasheet
47Kb / 2P
E-Series Surface Mount Mixer 5 - 1500 MHz
logo
M/A-COM Technology Solu...
MAMX-007247-MRS5MH MA-COM-MAMX-007247-MRS5MH Datasheet
45Kb / 2P
E-Series Surface Mount Mixer 5 - 1500 MHz
MAMX-007253-ES0067 MA-COM-MAMX-007253-ES0067 Datasheet
147Kb / 2P
E-Series Surface Mount Mixer 10 - 2000 MHz
ELCM-5 MA-COM-ELCM-5 Datasheet
157Kb / 2P
E-Series Surface Mount Mixer 5 - 1500 MHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com