Electronic Components Datasheet Search
  English  ▼

X  

ESMD-C2HX2 Datasheet(PDF) 2 Page - Tyco Electronics

Part # ESMD-C2HX2
Description  E - Series Surface Mount Mixer 890 - 915 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ESMD-C2HX2 Datasheet(HTML) 2 Page - Tyco Electronics

  ESMD-C2HX2 Datasheet HTML 1Page - Tyco Electronics ESMD-C2HX2 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
E-Series Surface Mount Mixer
890 - 915 MHz
ESMD-C2HX2
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266, Fax (800) 618-8883
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
RF1
890 MHz @ 0 dBm
RF2
891 MHz @ 0 dBm
LO
820 MHz @ +17 dBm
Two Tone Third Order Input Intercept: Test Conditions
IIP3 Spec: +29 dBm TYPical, +27 dBm Min
LO VSWR
Max
2.0:1
RF VSWR
Max
1.7:1
IF VSWR
Max
2.0:1
Voltage Standing Wave Ratio’s



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com