Electronic Components Datasheet Search
  English  ▼

X  

RFFC2071SQ Datasheet(PDF) 11 Page - RF Micro Devices

Part # RFFC2071SQ
Description  2.7GHz RF SYNTHESIZER/VCO WITH INTEGRATED RF MIXER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFC2071SQ Datasheet(HTML) 11 Page - RF Micro Devices

Back Button RFFC2071SQ Datasheet HTML 7Page - RF Micro Devices RFFC2071SQ Datasheet HTML 8Page - RF Micro Devices RFFC2071SQ Datasheet HTML 9Page - RF Micro Devices RFFC2071SQ Datasheet HTML 10Page - RF Micro Devices RFFC2071SQ Datasheet HTML 11Page - RF Micro Devices RFFC2071SQ Datasheet HTML 12Page - RF Micro Devices RFFC2071SQ Datasheet HTML 13Page - RF Micro Devices RFFC2071SQ Datasheet HTML 14Page - RF Micro Devices RFFC2071SQ Datasheet HTML 15Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
11 of 23
RFFC2071/2072
DS140110
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Detailed Functional Block Diagram
Pre-
scaler
/2
n
[n=1..5]
N
divider
Sequence
generator
Phase
detector
Reference
divider
GPO
Lock
Flag
XO
Ext LO
51K
+3V
MODE
ENBL
RESET
ENX
SDATA
SCLK
RFXF8553
4:1 Balun
+3V
OP1
RFXF8553
4:1 Balun
+3V
OP2
RFXF9503
1:1 Balun
IP2
RFXF9503
1:1 Balun
IP1
Loop
Filter
3-Wire
Serial
Bus
Control
Lines
Mixer 2
Mixer 1
RFFC2071 Only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com