Electronic Components Datasheet Search
  English  ▼

X  

RFFC2072SB Datasheet(PDF) 14 Page - RF Micro Devices

Part # RFFC2072SB
Description  2.7GHz RF SYNTHESIZER/VCO WITH INTEGRATED RF MIXER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFC2072SB Datasheet(HTML) 14 Page - RF Micro Devices

Back Button RFFC2072SB Datasheet HTML 10Page - RF Micro Devices RFFC2072SB Datasheet HTML 11Page - RF Micro Devices RFFC2072SB Datasheet HTML 12Page - RF Micro Devices RFFC2072SB Datasheet HTML 13Page - RF Micro Devices RFFC2072SB Datasheet HTML 14Page - RF Micro Devices RFFC2072SB Datasheet HTML 15Page - RF Micro Devices RFFC2072SB Datasheet HTML 16Page - RF Micro Devices RFFC2072SB Datasheet HTML 17Page - RF Micro Devices RFFC2072SB Datasheet HTML 18Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
14 of 23
RFFC2071/2072
DS140110
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Typical Synthesizer Performance Characteristics
VDD = +3V and TA = +27°C unless stated. Measured on RFFC2071/RFFC2072 evaluation board with
active loop filter.
-160.0
-150.0
-140.0
-130.0
-120.0
-110.0
-100.0
-90.0
-80.0
-70.0
-60.0
1.0
10.0
100.0
1000.0
10000.0 100000.0
Phase
Noise
(dBc/Hz)
Offset Frequency (KHz)
Synthesizer Phase Noise
4000MHz VCO Frequency, 26MHz Crystal Oscillator
2000MHz
1000MHz
500MHz
250MHz
125MHz
-160.0
-150.0
-140.0
-130.0
-120.0
-110.0
-100.0
-90.0
-80.0
-70.0
-60.0
1.0
10.0
100.0
1000.0
10000.0 100000.0
Phase
Noise
(dBc/Hz)
Offset Frequency (KHz)
Synthesizer Phase Noise
4000MHz VCO Frequency, 52MHz Crystal Oscillator
2000MHz
1000MHz
500MHz
250MHz
125MHz
-160.0
-150.0
-140.0
-130.0
-120.0
-110.0
-100.0
-90.0
-80.0
-70.0
-60.0
1.0
10.0
100.0
1000.0
10000.0 100000.0
Phase
Noise
(dBc/Hz)
Offset Frequency (KHz)
Synthesizer Phase Noise
5200MHz VCO Frequency, 26MHz Crystal Oscillator
2600MHz
1300MHz
650MHz
325MHz
162.5MHz
-160.0
-150.0
-140.0
-130.0
-120.0
-110.0
-100.0
-90.0
-80.0
-70.0
-60.0
1.0
10.0
100.0
1000.0
10000.0 100000.0
Phase
Noise
(dBc/Hz)
Offset Frequency (KHz)
Synthesizer Phase Noise
5200MHz VCO Frequency, 52MHz Crystal Oscillator
2600MHz
1300MHz
650MHz
325MHz
162.5MHz
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.0
500.0
1000.0 1500.0 2000.0 2500.0 3000.0
RMS
Integrated
Phase
Noise (°)
LO Frequency (MHz)
Synthesizer RMS Integrated Phase Noise
Integration Bandwidth 1kHz to 40MHz
26MHz TCXO
52MHz TCXO
Note:
• 26MHz Crystal Oscillator: NDK ENA3523A
• 52MHz Crystal Oscillator: NDK ENA3560A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com