Electronic Components Datasheet Search
  English  ▼

X  

ESMD-C50M Datasheet(PDF) 2 Page - Tyco Electronics

Part # ESMD-C50M
Description  E-Series Surface Mount Mixer 80 . 2500 MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ESMD-C50M Datasheet(HTML) 2 Page - Tyco Electronics

  ESMD-C50M Datasheet HTML 1Page - Tyco Electronics ESMD-C50M Datasheet HTML 2Page - Tyco Electronics ESMD-C50M Datasheet HTML 3Page - Tyco Electronics ESMD-C50M Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
E-Series Surface Mount Mixer — 80 - 2500 MHz
ESMD-C50M
M/A-COM Division of AMP Incorporated n North America: Tel. (800) 366-2266, Fax (800) 618-8883 n Asia/Pacific: Tel.+85 2 2111 8088,
Fax +85 2 2111 8087 n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks.
Specifications subject to change without notice.
V2.00
S 1255 D
Absolute Maximum Ratings
Parameter
Absolute Maximum
RF Input Power
+20 dBm
LO Drive Power
+20 dBm
Operating/Storage Temperature
-40°C to +85°C
Pin Configuration
Function
Pin No.
RF
1
LO
2
IF
3
Ground
4,5,6
Typical Performance @ +25°C
Isolation
-50.00
-45.00
-40.00
-35.00
-30.00
-25.00
-20.00
-15.00
-10.00
10 220 430 640 850 10601270 148016901900 21102320 253027402950
Frequency(MHz)
LOtoIF
RFtoIF
LOtoRF
-16.00
-14.00
-12.00
-10.00
-8.00
-6.00
-4.00
-2.00
Frequency (MHz)
+ 13 dBm
Conversion Loss
-11.00
-10.00
-9.00
-8.00
-7.00
-6.00
-5.00
-4.00
-3.00
IFBandwidth(MHz)
IF Bandwidth
IIP3 & 1dB Compression
0.00
5.00
10.00
15.00
20.00
25.00
30.00
35.00
40.00
Frequency (MHz)
IIP3
1dB Compression
0.50
1.00
1.50
2.00
2.50
3.00
10
220 430 640 850 1060 1270 1480 1690 1900 2110 2320 2530 2740 2950
RF&LOFrequency(MHz)
LO
RF
IF
IF Frequency (MHz)
VSWR
Note: Conversion Loss measured with fixed IF frequency of 70MHz.
All measurements made with input power of +13dBm.
IF Bandwidth (MHz)
Frequency (MHz)
RF & LO Frequency (MHz)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com