Electronic Components Datasheet Search
  English  ▼

X  

RFFC5072ATR7 Datasheet(PDF) 22 Page - RF Micro Devices

Part # RFFC5072ATR7
Description  WIDEBAND SYNTHESIZER/VCO WITH INTEGRATED 6GHz MIXER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFC5072ATR7 Datasheet(HTML) 22 Page - RF Micro Devices

Back Button RFFC5072ATR7 Datasheet HTML 18Page - RF Micro Devices RFFC5072ATR7 Datasheet HTML 19Page - RF Micro Devices RFFC5072ATR7 Datasheet HTML 20Page - RF Micro Devices RFFC5072ATR7 Datasheet HTML 21Page - RF Micro Devices RFFC5072ATR7 Datasheet HTML 22Page - RF Micro Devices RFFC5072ATR7 Datasheet HTML 23Page - RF Micro Devices RFFC5072ATR7 Datasheet HTML 24Page - RF Micro Devices RFFC5072ATR7 Datasheet HTML 25Page - RF Micro Devices RFFC5072ATR7 Datasheet HTML 26Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
22 of 26
RFFC5071A/2A
DS140110
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Typical Performance Characteristics at 3.7GHz
VDD = +3V and TA = +27°C unless stated. As measured on RFFC5071A 3.7GHz narrowband evaluation board.
Down conversion. See application schematic on page 14.
-10.0
-9.0
-8.0
-7.0
-6.0
-5.0
-4.0
-3.0
-2.0
-1.0
0.0
3400
3500
3600
3700
3800
3900
4000
4100
4200
RF Input Frequency (MHz)
Conversion Gain of Mixer 1
Down Conversion with IF Output = 200MHz
-40 Deg C, +2.7V
-40 Deg C, +3.0V
-40 Deg C, +3.3V
+27 Deg C, +2.7V
+27 Deg C, +3.0V
+27 Deg C, +3.3V
+85 Deg C, +2.7V
+85 Deg C, +3.0V
+85 Deg C, +3.3V
0.0
5.0
10.0
15.0
20.0
25.0
30.0
1234567
Mixer Bias Current Setting (MIX1_IDD)
Mixer 1 Input IP3 versus Bias Current
RF Frequency = 4000MHz, IF Output = 200MHz
-40 Deg C, +2.7V
-40 Deg C, +3.0V
-40 Deg C, +3.3V
+27 Deg C, +2.7V
+27 Deg C, +3.0V
+27 Deg C, +3.3V
+85 Deg C, +2.7V
+85 Deg C, +3.0V
+85 Deg C, +3.3V
-60.0
-50.0
-40.0
-30.0
-20.0
-10.0
0.0
3200
3400
3600
3800
4000
4200
4400
LO Frequency (MHz)
Typical LO Leakage at Mixer 1 Output
+3.0V Supply Voltage
-40 Deg C
+27 Deg C
+85 Deg C
0.0
5.0
10.0
15.0
20.0
25.0
30.0
0.0
5.0
10.0
15.0
20.0
25.0
30.0
3400
3500
3600
3700
3800
3900
4000
4100
4200
RF Input Frequency (MHz)
Mixer 1 Linearity Performance
MIX_IDD = 5, +3.0V, IF Output = 200MHz
Input IP3
Pin 1dB
-80.0
-70.0
-60.0
-50.0
-40.0
-30.0
-20.0
-10.0
3400
3500
3600
3700
3800
3900
4000
4100
4200
RF Input Frequency (MHz)
LO & RF Leakage at Mixer 1 Output
RF Input Power -10dBm, MIX1_IDD = 4
IF Output at 200MHz
LO Leakage (Low Side)
RF Leakage
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
3400
3500
3600
3700
3800
3900
4000
4100
4200
RF Input Frequency (MHz)
Mixer 1 Noise Figure versus Frequency
IF Output = 200MHz
MIX_IDD = 1
MIX_IDD = 2
MIX_IDD = 3
MIX_IDD = 4
MIX_IDD = 5
MIX_IDD = 6
MIX_IDD = 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com